Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66053.3TA3R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GM66053.3TA3R
Description  5.0A PRECISION LINEAR REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GM66053.3TA3R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GM66053.3TA3R Datasheet HTML 1Page - List of Unclassifed Manufacturers GM66053.3TA3R Datasheet HTML 2Page - List of Unclassifed Manufacturers GM66053.3TA3R Datasheet HTML 3Page - List of Unclassifed Manufacturers GM66053.3TA3R Datasheet HTML 4Page - List of Unclassifed Manufacturers GM66053.3TA3R Datasheet HTML 5Page - List of Unclassifed Manufacturers GM66053.3TA3R Datasheet HTML 6Page - List of Unclassifed Manufacturers GM66053.3TA3R Datasheet HTML 7Page - List of Unclassifed Manufacturers GM66053.3TA3R Datasheet HTML 8Page - List of Unclassifed Manufacturers GM66053.3TA3R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
GM6605
APPLICATION INFORMATION
The GM6605 series linear regulators provide fixed and
adjustable output voltages at currents up to 5.0A.
These regulators are protected against overcurrent con-
ditions and include thermal shutdown protection. The
GM6605's have a composite PNP-NPN output transis-
tor and require an output capacitor for stability.
A detailed procedure for selecting this capacitor fol-
lows.
Stability Considerations
The output compensation capacitor helps to determine
three main characteristics of a linear regulator's perfor-
mance: start-up delay, load transient response, and
loop stability. The capacitor value and type is based on
cost, availability, size and temperature constraints. A
tantalum or aluminum electrolytic capacitor is pre-
ferred, as a film or ceramic capacitor with almost zero
ESR can cause instability. An aluminum electrolytic ca-
pacitor is the least expensive type, but when the circuit
operates at low temperatures, both the value and ESR
of the capacitor will vary widely. For optimum perfor-
mance over the full operating temperature range, a tan-
talum capacitor is best. A 22µF tantalum capacitor will
work fine in most applications, but with high current reg-
ulators such as the GM6605 higher capacitance values
will improve the transient response and stability. Most
applications for the GM6605's involve large changes in
load current, so the output capacitor must supply in-
stantaneous load current. The ESR of the output ca-
pacitor causes an immediate drop in output voltage
given by:
In microprocessor applications an output capacitor net-
work of several tantalum and ceramic capacitors in par-
allel is commonly used. This reduces overall ESR and
minimizes the instantaneous output voltage drop under
transient load conditions. The output capacitor network
should be placed as close to the load as possible for
the best results.
Protection Diodes
When large external capacitors are used with most
linear regulator it is wise to add protection diodes. If
the input voltage of the regulator is shorted, the out-
put capacitor will discharge into the output of the reg-
ulator. The discharge current depends on the value
of capacitor, output voltage and rate at which V
IN
drops.
In the GM6605 linear regulators, the discharge path
is through a large junction, and protection diodes are
normally not needed. However, if the regulator is
used with large output capacitance values and the in-
put voltage is instantaneously shorted to ground,
damage can occur. In this case, a diode connected
as shown above in Figure 1.
DV = I x ESD
D
(a),(b)
Figure 1
Protection Diode Scheme for
Large Output Capacitors
(a) Fixed Version
(b) Adjustable Version
V
IN
V
OUT
C
ADJ
GM6605-Adj
ADJ
V
IN
V
OUT
C1
C2
R1
R2
GM6605-3.3
GND
V
IN
V
OUT
C1
IN4002
C2
V
IN
V
OUT
IN4002


Similar Part No. - GM66053.3TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605 Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
GM6605-1.5TA3R GAMMA-GM6605-1.5TA3R Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605-1.5TA3T GAMMA-GM6605-1.5TA3T Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results

Similar Description - GM66053.3TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
List of Unclassifed Man...
GM6603 ETC2-GM6603 Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
SG Micro Corp
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
   RF-Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com