Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4M283233H-NG60 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4M283233H-NG60
Description  1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M283233H-NG60 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4M283233H-NG60 Datasheet HTML 3Page - Samsung semiconductor K4M283233H-NG60 Datasheet HTML 4Page - Samsung semiconductor K4M283233H-NG60 Datasheet HTML 5Page - Samsung semiconductor K4M283233H-NG60 Datasheet HTML 6Page - Samsung semiconductor K4M283233H-NG60 Datasheet HTML 7Page - Samsung semiconductor K4M283233H-NG60 Datasheet HTML 8Page - Samsung semiconductor K4M283233H-NG60 Datasheet HTML 9Page - Samsung semiconductor K4M283233H-NG60 Datasheet HTML 10Page - Samsung semiconductor K4M283233H-NG60 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
K4M283233H - F(H)N/G/L/F
7
Mobile SDRAM
January 2006
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
NOTES:
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. Minimum tRDL=2CLK and tDAL(= tRDL + tRP) is required to complete both of last data write command(tRDL) and precharge command(tRP).
4. All parts allow every cycle column address change.
5. In case of row precharge interrupt, auto precharge and read burst stop.
6. Maximum burst refresh cycle : 8
Parameter
Symbol
Version
Unit
Note
-60
-75
-7L
Row active to row active delay
tRRD(min)
12
15
15
ns
1
RAS to CAS delay
tRCD(min)
18
18
22.5
ns
1
Row precharge time
tRP(min)
18
18
22.5
ns
1
Row active time
tRAS(min)
42
45
45
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
60
63
67.5
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2
Last data in to Active delay
tDAL(min)
tRDL + tRP
-
3
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
4
Number of valid output data
CAS latency=3
2
ea
5
Number of valid output data
CAS latency=2
1
Number of valid output data
CAS latency=1
0


Similar Part No. - K4M283233H-NG60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M28323LH SAMSUNG-K4M28323LH Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323LH-FHN SAMSUNG-K4M28323LH-FHN Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323LH-FHN/F SAMSUNG-K4M28323LH-FHN/F Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323LH-FHN/F60 SAMSUNG-K4M28323LH-FHN/F60 Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323LH-FHN/F75 SAMSUNG-K4M28323LH-FHN/F75 Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results

Similar Description - K4M283233H-NG60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S28323LF-F SAMSUNG-K4S28323LF-F Datasheet
141Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S283233F SAMSUNG-K4S283233F Datasheet
140Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323LH SAMSUNG-K4M28323LH Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233E-M SAMSUNG-K4M563233E-M Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
   512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323LE SAMSUNG-K4M56323LE Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G SAMSUNG-K4M563233G Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com