Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP5154PNP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TVP5154PNP
Description  4-CHANNEL LOW-POWER PAL/NTSC/SECAM VIDEO DECODER WITH INDEPENDENT SCALERS AND FAST LOCK
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP5154PNP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TVP5154PNP Datasheet HTML 3Page - Texas Instruments TVP5154PNP Datasheet HTML 4Page - Texas Instruments TVP5154PNP Datasheet HTML 5Page - Texas Instruments TVP5154PNP Datasheet HTML 6Page - Texas Instruments TVP5154PNP Datasheet HTML 7Page - Texas Instruments TVP5154PNP Datasheet HTML 8Page - Texas Instruments TVP5154PNP Datasheet HTML 9Page - Texas Instruments TVP5154PNP Datasheet HTML 10Page - Texas Instruments TVP5154PNP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
www.ti.com
4
Functional Description
4.1 Analog Front End
TVP5154
4-CHANNEL LOW-POWER PAL/NTSC/SECAM VIDEO DECODER
WITH INDEPENDENT SCALERS AND FAST LOCK
SLES163A – MARCH 2006 – REVISED JULY 2006
TERMINAL
I/O
DESCRIPTION
NAME
NO.
HSYNC1
100
O
Horizontal synchronization
HSYNC2
77
HSYNC3
58
HSYNC4
39
VSYNC1 /PALI1
95
O
1. VSYNC: Vertical synchronization
VSYNC2 /PALI2
76
2. PALI: PAL line indicator or horizontal lock indicator. For the PAL line indicator, a 1
VSYNC3 /PALI3
57
indicates a noninverted line, and a 0 indicates an inverted line.
VSYNC4 /PALI4
38
PDN
122
I
Power down (active low). A 0 on this pin puts the decoder in standby mode. PDN preserves
the value of the registers.
RESETB
121
I
Active-low reset. RESETB can be used only when PDN = 1. When RESETB is pulled low, it
resets all the registers and restarts the internal microprocessor.
SCL
120
I/O
I2C serial clock (open drain)
SDA
119
I/O
I2C serial data (open drain)
I2CA0
118
I
During power-on reset, this pin is sampled along with pin 117 (I2CA1) to determine the I2C
address the device is configured to. A 10-k
Ω resistor should pull this either high (to IOVDD)
or low to select different I2C device addresses.
I2CA1
117
I
During power-on reset, this pin is sampled along with pin 118 (I2CA0) to determine the I2C
address the device is configured to. A 10-k
Ω resistor should pull this either high (to IOVDD)
or low to select different I2C device addresses.
CLK1
103
O
Unscaled system data clock at either 27 MHz or 54 MHz
CLK2
84
CLK3
61
CLK4
42
SCLK1
104
O
Scaled system data clock at 27 MHz. This signal can be used to qualify scaled/unscaled
SCLK2
85
data when the unscaled system data clock is set to 54 MHz.
SCLK3
62
SCLK4
43
XIN/OSC
124
I
External clock reference. The user may connect XIN to an oscillator or to one terminal of a
XOUT
123
O
crystal oscillator. The user may connect XOUT to the other terminal of the crystal oscillator
or not connect XOUT at all. One single 14.31818-MHz crystal or oscillator is needed for
ITU-R BT.601 sampling, for all supported standards.
CH1_OUT[7:0]
105–112
O
Decoded ITU-R BT.656 output/YCbCr 4:2:2 output with discrete sync for channel 1
CH2_OUT[7:0]
86–93
O
Decoded ITU-R BT.656 output/YCbCr 4:2:2 output with discrete sync for channel 2
CH3_OUT[7:0]
67–74
O
Decoded ITU-R BT.656 output/YCbCr 4:2:2 output with discrete sync for channel 3
CH4_OUT[7:0]
48–55
O
Decoded ITU-R BT.656 output/YCbCr 4:2:2 output with discrete sync for channel 4
TMS
36
I
Test-mode select. This pin should be connected to digital ground for correct device
operation.
Each channel of the TVP5154 decoder has an analog input channel that accepts two video inputs, which
should be ac coupled through 0.1-
µF capacitors. The decoder supports a maximum input voltage range of
0.75 V; therefore, an attenuation of one-half is needed for standard input signals with a peak-to-peak
variation of 1.5 V. The maximum parallel termination before the input to the device is 75
Ω. Refer to
schematic at the end of this document for recommended configuration. The two analog input ports can be
connected as follows:
• Two selectable composite video inputs or
• One S-video input
An internal clamping circuit restores the ac-coupled video signal to a fixed dc level.
The programmable gain amplifier (PGA) and the automatic gain control (AGC) circuit work together to
ensure that the input signal is amplified or attenuated correctly, ensuring the proper input range for the
ADC.
Submit Documentation Feedback
Functional Description
7


Similar Part No. - TVP5154PNP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5154A TI1-TVP5154A Datasheet
1Mb / 92P
[Old version datasheet]   4-Channel Low-Power PAL/NTSC/SECAM Video Decoder With Independent Scalers and Fast Lock
TVP5154AIPNP TI1-TVP5154AIPNP Datasheet
1Mb / 92P
[Old version datasheet]   4-Channel Low-Power PAL/NTSC/SECAM Video Decoder With Independent Scalers and Fast Lock
TVP5154AIPNPR TI1-TVP5154AIPNPR Datasheet
1Mb / 92P
[Old version datasheet]   4-Channel Low-Power PAL/NTSC/SECAM Video Decoder With Independent Scalers and Fast Lock
TVP5154APNP TI1-TVP5154APNP Datasheet
1Mb / 92P
[Old version datasheet]   4-Channel Low-Power PAL/NTSC/SECAM Video Decoder With Independent Scalers and Fast Lock
TVP5154APNPR TI1-TVP5154APNPR Datasheet
1Mb / 92P
[Old version datasheet]   4-Channel Low-Power PAL/NTSC/SECAM Video Decoder With Independent Scalers and Fast Lock
More results

Similar Description - TVP5154PNP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5154A TI1-TVP5154A Datasheet
1Mb / 92P
[Old version datasheet]   4-Channel Low-Power PAL/NTSC/SECAM Video Decoder With Independent Scalers and Fast Lock
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Intersil Corporation
TW9910 INTERSIL-TW9910 Datasheet
150Kb / 3P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
logo
Texas Instruments
TVP5150AM1IPBSR TI1-TVP5150AM1IPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC,PAL,SECAM Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com