Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA208 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BTA208
Description  Three quadrant triacs high commutation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA208 Datasheet(HTML) 1 Page - NXP Semiconductors

  BTA208 Datasheet HTML 1Page - NXP Semiconductors BTA208 Datasheet HTML 2Page - NXP Semiconductors BTA208 Datasheet HTML 3Page - NXP Semiconductors BTA208 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Philips Semiconductors
Objective specification
Three quadrant triacs
BTA208 series D, E and F
guaranteed commutation
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Passivated
guaranteed
commutation
SYMBOL
PARAMETER
MAX.
MAX.
UNIT
triacs in a plastic envelope intended for
use in motor control circuits or with other
BTA208-
600D
-
highly inductive loads. These devices
BTA208-
600E
800E
balance the requirements of commutation
BTA208-
600F
800F
performance and gate sensitivity. The
V
DRM
Repetitive peak
600
800
V
"sensitive gate" E series and "logic level"
off-state voltages
D series are intended for interfacing with
I
T(RMS)
RMS on-state current
8
8
A
low
power
drivers,
including
micro
I
TSM
Non-repetitive peak on-state
65
65
A
controllers.
current
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
main terminal 1
2
main terminal 2
3
gate
tab
main terminal 2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-600
-800
V
DRM
Repetitive peak off-state
-
600
1
800
V
voltages
I
T(RMS)
RMS on-state current
full sine wave;
-
8
A
T
mb ≤ 102 ˚C
I
TSM
Non-repetitive peak
full sine wave;
on-state current
T
j = 25 ˚C prior to
surge
t = 20 ms
-
65
A
t = 16.7 ms
-
72
A
I
2tI2t for fusing
t = 10 ms
-
21
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 12 A; IG = 0.2 A;
100
A/
µs
on-state current after
dI
G/dt = 0.2 A/µs
triggering
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms
-
0.5
W
period
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
T1
T2
G
12 3
tab
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 6 A/
µs.
October 1999
1
Rev 1.200


Similar Part No. - BTA208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208 PHILIPS-BTA208 Datasheet
44Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208 PHILIPS-BTA208 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208-500B PHILIPS-BTA208-500B Datasheet
44Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208-500C PHILIPS-BTA208-500C Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
More results

Similar Description - BTA208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com