Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR51H737 Datasheet(PDF) 4 Page - International Rectifier

Part # IR51H737
Description  POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR51H737 Datasheet(HTML) 4 Page - International Rectifier

  IR51H737 Datasheet HTML 1Page - International Rectifier IR51H737 Datasheet HTML 2Page - International Rectifier IR51H737 Datasheet HTML 3Page - International Rectifier IR51H737 Datasheet HTML 4Page - International Rectifier IR51H737 Datasheet HTML 5Page - International Rectifier IR51H737 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.irf.com
Bill of Materials
* 210 turns #30 wound on FAIR-RITE bobbin core
REF.
DES.
DESCR.
QTY
P/N
MFG
DIST
Phone #
U1
IC
1
IR51H420
IR
IR
310-322-
3331
Q1,Q2
MOSFET
2
IRLML2402
IR
BR1
BRIDGE RECTIFIER
1
DF10S
IR
C1,C2
10
µF/250V
2
ECE-A2EU100W
PANASONIC
DIGI-KEY
800-344-
4539
C3
1
µF/50V
1
ECE-A50Z1
PANASONIC
C4
2.2
µF/50V
1
ECE-A50Z2R2
PANASONIC
C5
1000pF SMT1206
1
ECU-U1H102KBM
PANASONIC
C6
3300pF SMT1206
1
ECU-U1H332KBM
PANASONIC
C7
.1
µF/50V SMT1206
1
ECU-V1H104KBW
PANASONIC
C8,C10
470pF/1KV SMT1812
1
102S43N471KV4E
JOHANSON
DIELECTRIC
NEWARK
310-681-
6674
C9
.01
µF/630V
1
MKP10
WIMA
TAW
818-846-
3911
R1
1.0
Ω,1/2W
1
1.0H-ND
YAGEO
DIGI-KEY
800-344-
4539
R2
240K
Ω, 1/4W
1
240KQBK-ND
YAGEO
R3,R4
1M
Ω,1/8W SMT1206
1
ERJ-8GEY105
PANASONIC
R5
2.2M
Ω,1/8W
SMT1206
1
ERJ-8GEY225
PANASONIC
R6
20K
Ω, 1/8W SMT1206
1
ERJ-8GEYJ203
PANASONIC
D1
7.5V Zener, SMT
SOD123
1
BZT52-C7V5DICT-ND
DIODES INC
D2
3.9V Zener, SMT
SOD123
1
BZT52-C3V9DICT-ND
DIODES INC
D3
Diode, 400V Fast
1
10BF40
IR
IR
310-322-
3331
D4,D5,
D6
Diode, SMT DL35
1
1N4148
DIODES INC
DIGI-KEY
800-344-
4539
L1*
2.5mH
1
9677142009
FAIR-RITE
LODESTON
E PACIFIC
714-970-
0900


Similar Part No. - IR51H737

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51H737 IRF-IR51H737 Datasheet
182Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
More results

Similar Description - IR51H737

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRPLLNR1 IXYS-IRPLLNR1 Datasheet
790Kb / 15P
   POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
   Digitally Addressable DALI Dimming Ballast Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
logo
Fairchild Semiconductor
ABR-42022 FAIRCHILD-ABR-42022 Datasheet
68Kb / 4P
   ML4833 220V Non-Dimming Ballast Design
logo
International Rectifier
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Laird Tech Smart Techno...
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
   Compact design
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com