Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT050104H251A Datasheet(PDF) 9 Page - Sharma Electro Components,Inc

Part # MKT050104H251A
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT050104H251A Datasheet(HTML) 9 Page - Sharma Electro Components,Inc

Back Button MKT050104H251A Datasheet HTML 5Page - Sharma Electro Components,Inc MKT050104H251A Datasheet HTML 6Page - Sharma Electro Components,Inc MKT050104H251A Datasheet HTML 7Page - Sharma Electro Components,Inc MKT050104H251A Datasheet HTML 8Page - Sharma Electro Components,Inc MKT050104H251A Datasheet HTML 9Page - Sharma Electro Components,Inc MKT050104H251A Datasheet HTML 10Page - Sharma Electro Components,Inc MKT050104H251A Datasheet HTML 11Page - Sharma Electro Components,Inc MKT050104H251A Datasheet HTML 12Page - Sharma Electro Components,Inc MKT050104H251A Datasheet HTML 13Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
INTRODUCTION:
The MKTD01 Series Metallized Polyester Film Capacitors cover a wide range of
values and voltages. They are suitable for applications such as Blocking, By-passing
and Coupling and are widely used in General communication equipment.
FEATURES:
Wide value and Voltage range
Self healing capability
Flame retardant powder epoxy encapsulation
Minimum overall dimensions due to dip coated construction
GENERAL SPECIFICATIONS:
Dissipation factor: < 0.0100 at 1 K Hz for capacitance
≤ 1.0 µF, < 0.0150 at 1 K Hz
for capacitance> 1.0 µF.
Insulation resistance: For 100 VDC rated parts;
≥ 9,000 M Ohms for C≤ 0.33µF, ≥ 3,000 seconds for C> 0.33 µF, at a temperature
of 25 ± 5 °C, For 250 to 630 VDC rated parts
;
≥ 15,000 M Ohms for C≤ 0.33µF,
≥ 5,000 seconds for C> 0.33 µF, at a temperature of 25 ± 5 °C.
Capacitance tolerance: ±5%(J),±10%(K) and ±20%(M) (Special parts with close
tolerance of ±1% and ±2% available on request) Voltage Test : 1.6 times the rated
voltage applied between terminals for 2 seconds. at a temperature of 25 ± 5 °C
Temperature range: -55 to 85 °C
.
Climatic category: F M F
LIFE TEST DETAILS:
Capacitors shall withstand 125% DC rated voltage or 100% AC rated voltage applied
at 85 °C for 1000 hours. After the test:
1. Capacitance change shall remain within ±5%.
2. Dissipation Factor shall be within 1.5 times the original limits.
3. Insulation Resistance shall be above 50% of the initial limits.
4. There shall be no remarkable change in the appearance and the marking
shall remain legible.
LEAD
SPACING
mm
(inches)
Rated
10.0
15.0
22.5
27.0
Voltage
(0.40)
(0.60)
(0.89)
(1.06)
100
6
3
2
1
250
11
7
4
3
400
20
10
5.5
5
630
30
15
8
7
DIMENSIONS AND
TOLERANCES:
d - 0.6 mm (0.024")
for
Lead Spacing "s" =
10.0 mm (0.40")
d - 0.8 mm (0.032")
for
Lead Spacing "s" >
10.0 mm (0.40")
z - 1.5mm ( 0.06" )
max.
LL'' - 20.0 mm min.(0.78")
Tolerance on "s" ± 1.0mm (0.04")
PULSE RISE TIME (dv/dt) Volts per µsec.
MKTD01 SERIES
F
Fo
orrm
me
errlly
y M
MP
PD
D 1
1 s
se
erriie
es
s
VOLTAGE
DC/AC
Capacitance
100 V DC / 63 V AC
250
V
DC
/
160
V
AC
in
µF
Dimensions in Millimeters
Dimensions in Millimeters
L
H
T
S
L
H
T
S
0.01
10.5
9.0
4.0
7.5
0.015
10.5
9.0
4.0
7.5
0.022
10.5
9.0
4.0
7.5
0.033
10.5
9.0
4.0
7.5
10.5
9.0
4.0
7.5
0.047
10.5
9.0
4.0
7.5
10.5
9.0
4.0
7.5
0.068
10.5
9.0
4.0
7.5
10.5
11.0
5.0
7.5
0.1
10.5
9.0
4.0
7.5
10.5
11.0
5.0
7.5
0.15
10.5
9.0
4.0
7.5
10.5
12.0
6.0
7.5
0.22
10.5
11.0
5.0
7.5
0.33
10.5
12.0
6.0
7.5
VOLTAGE
DC/AC
Capacitance
400
V
DC
/
200
V
AC
630
V
DC
/
250
V
AC
in
µF
Dimensions in Millimeters
Dimensions in Millimeters
L
H
T
S
L
H
T
S
0.001
10.5
9.0
4.0
7.5
0.0015
10.5
9.0
4.0
7.5
0.0022
10.5
9.0
4.0
7.5
0.0033
10.5
9.0
4.0
7.5
0.0047
10.5
9.0
4.0
7.5
10.5
9.0
4.0
7.5
0.0068
10.5
9.0
4.0
7.5
10.5
9.0
4.0
7.5
0.01
10.5
9.0
4.0
7.5
10.5
11.0
5.0
7.5
0.015
10.5
9.0
4.0
7.5
10.5
12.0
6.0
7.5
0.022
10.5
11.0
5.0
7.5
0.033
10.5
12.0
6.0
7.5
Case Dimensions in Millimeters100V • 250V
VOLTAGE
DC/AC
Capacitance
100 V DC / 63 V AC
250
V
DC
/
160
V
AC
in
µF
Dimensions in Inches
Dimensions in Inches
L
H
T
S
L
H
T
S
0.01
0.413
0.354
0.157
0.295
0.015
0.413
0.354
0.157
0.295
0.022
0.413
0.354
0.157
0.295
0.033
0.413
0.354
0.157
0.295
0.413
0.354
0.157
0.295
0.047
0.413
0.354
0.157
0.295
0.413
0.354
0.157
0.295
0.068
0.413
0.354
0.157
0.295
0.413
0.433
0.197
0.295
0.1
0.413
0.354
0.157
0.295
0.413
0.433
0.197
0.295
0.15
0.413
0.354
0.157
0.295
0.413
0.472
0.236
0.295
0.22
0.413
0.433
0.197
0.295
0.33
0.413
0.472
0.236
0.295
VOLTAGE
DC/AC
Capacitance
400
V
DC
/
200
V
AC
630
V
DC
/
250
V
AC
in
µF
Dimensions in Inches
Dimensions in Inches
L
H
T
S
L
H
T
S
0.001
0.413
0.354
0.157
0.295
0.0015
0.413
0.354
0.157
0.295
0.0022
0.413
0.354
0.157
0.295
0.0033
0.413
0.354
0.157
0.295
0.0047
0.413
0.354
0.157
0.295
0.413
0.354
0.157
0.295
0.0068
0.413
0.354
0.157
0.295
0.413
0.354
0.157
0.295
0.01
0.413
0.354
0.157
0.295
0.413
0.433
0.197
0.295
0.015
0.413
0.354
0.157
0.295
0.413
0.472
0.236
0.295
0.022
0.413
0.433
0.197
0.295
0.033
0.413
0.472
0.236
0.295
Case Dimensions in Inches 100V • 250V
MKT 075 SERIES CASE DIMENSIONS
Sharma Film Capacitors


Similar Part No. - MKT050104H251A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results

Similar Description - MKT050104H251A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com