Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8854-23CB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FS8854-23CB
Description  350mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8854-23CB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FS8854-23CB Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8854-23CB Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8854-23CB Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8854-23CB Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8854-23CB Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8854-23CB Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8854-23CB Datasheet HTML 11Page - List of Unclassifed Manufacturers FS8854-23CB Datasheet HTML 12Page - List of Unclassifed Manufacturers FS8854-23CB Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FS8854
350mA LDO Linear Regulator
Fortune Semiconductor Corp.
TEL : +886-2-2809-4742
10/13
TD-0410025
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
package is mounted on a double sided printed
circuit board with two square inches of copper
allocated for “heat spreading”, the resulting θJA is
180°C/W.
Based
on
a
maximum
operating
junction
temperature 125°C with an ambient of 25°C, the
maximum power dissipation will be:
() ()
W
T
T
P
CA
JC
A
J
MAX
555
.
0
180
25
125
=
=
+
=
θ
θ
Thermal characteristics were measured using a
double sided board with 1” x 2” square inches of
copper area connected to the GND pin for “heat
spreading”.
Input-Output Voltage
A regulator’s
minimum
input-output
voltage
differential, or dropout voltage, determines the
lowest usable supply voltage. In battery-powered
systems, this will determine the useful end-of-life
battery voltage. The FS8854 uses a P-channel
MOSFET pass transistor, its dropout voltage is a
function of drain-to-source on-resistance (RDS(ON))
multiplied by the load current.
VDROPOUT = VIN-VOUT = RDS(ON) x IOUT


Similar Part No. - FS8854-23CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853-13CA ETC-FS8853-13CA Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CB ETC-FS8853-13CB Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CC ETC-FS8853-13CC Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
More results

Similar Description - FS8854-23CB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
[Old version datasheet]   350mA Dual Rail Linear Regulator
logo
ams AG
AS1372 AMSCO-AS1372 Datasheet
855Kb / 14P
   350mA Dual Rail Linear Regulator
logo
Texas Instruments
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
[Old version datasheet]   350mA Dual Rail Linear Regulator
logo
National Semiconductor ...
LP5952 NSC-LP5952_08 Datasheet
3Mb / 16P
   350mA Dual Rail Linear Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com