Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEL1710Y Datasheet(PDF) 1 Page - Sanken electric

Part # SEL1710Y
Description  5phi Round Standard LED (With Stopper)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL1710Y Datasheet(HTML) 1 Page - Sanken electric

  SEL1710Y Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
2.0
1.75
1.9
1.9
1.9
2.0
2.0
2.0
SEL1110R
SEL1110W
SEL1110S
SEL1610W
SEL1610C
SEL1210R
SEL1210S
SEL1810D
SEL1810A
SEL1910D
SEL1910A
SEL1710Y
SEL1710K
SEL1410G
SEL1410E
SEL1510C
Part
Number
Lens color
Diffused red
Diffused white
Transparent red
Diffused white
Clear
Diffused red
Transparent red
Diffused orange
Transparent orange
Diffused orange
Transparent orange
Diffused yellow
Transparent yellow
Diffused green
Transparent green
Clear
Electrical Optical characteristics (Ta=25
°C)
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
2.5
2.2
2.5
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
10
10
10
50
100
50
50
50
50
50
50
5
20
20
10
10
10
20
20
10
10
10
10
10
10
10
10
700
660
630
610
587
570
560
555
100
30
35
35
33
30
20
20
10
10
10
10
10
10
10
10
3
3
3
3
3
3
3
3
2.8
2.8
4.5
1000
1200
26
75
18
37
14
25
22
65
32
84
50
Directivity (Typical)
External Dimensions
Diffuse lens
Transparent lens
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
SEL1010 Series
ø
5.6±
0.2
20.0min 5.0±
0.5
7.6±
0.2
20.0min 5.0±
0.5
7.6±
0.2
19.0min 0.8
(1.0)
19.0min 0.8
(1.0)
Cathode
Cathode
0.5
Resin heap 1.5max
ø
5.6±
0.2
0.5
Resin heap 1.5max
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
5
φ Round Standard LED (With Stopper)
SEL1010 Series
Chip
material
GaP
GaAlAs
GaAsP
GaP
Deep red
Red
Amber
Orange
Yellow
Green
Pure green
Emitting color
Tolerance:
±0.3
(Unit: mm)
(Other than GaAlAs chip)
(GaAlAs chip)
High-
intensity red


Similar Part No. - SEL1710Y

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1710Y SANKEN-SEL1710Y Datasheet
426Kb / 2P
   5phi Round Standard LED (With Stopper)
More results

Similar Description - SEL1710Y

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1010 SANKEN-SEL1010_08 Datasheet
426Kb / 2P
   5phi Round Standard LED (With Stopper)
SML1016 SANKEN-SML1016 Datasheet
34Kb / 1P
   5phi Round Standard Bicolor LED
SEL1010M SANKEN-SEL1010M Datasheet
24Kb / 1P
   5phi Round Standard LED
SEL1010M SANKEN-SEL1010M_08 Datasheet
435Kb / 2P
   5phi Round Standard LEDs
SID300 SANKEN-SID300 Datasheet
27Kb / 1P
   5phi Round Infrared LED
SML1016 SANKEN-SML1016_08 Datasheet
444Kb / 2P
   5phi Round Standard Bicolor LEDs
SID1010M SANKEN-SID1010M Datasheet
26Kb / 1P
   5phi Round Infrared LED
SML10051 SANKEN-SML10051 Datasheet
29Kb / 1P
   5phi Round Bicolor LED
SEL1010XM SANKEN-SEL1010XM Datasheet
26Kb / 1P
   5phi Round Wide-directivity LED
SID1050M SANKEN-SID1050M Datasheet
24Kb / 1P
   5phi Round Infrared LED (Direct Mount)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com