Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM05HA151JO3-RHTR02 Datasheet(PDF) 9 Page - Sharma Electro Components,Inc

Part # DM05HA151JO3-RHTR02
Description  MICA CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05HA151JO3-RHTR02 Datasheet(HTML) 9 Page - Sharma Electro Components,Inc

Back Button DM05HA151JO3-RHTR02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM05HA151JO3-RHTR02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM05HA151JO3-RHTR02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM05HA151JO3-RHTR02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM05HA151JO3-RHTR02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM05HA151JO3-RHTR02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM05HA151JO3-RHTR02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM05HA151JO3-RHTR02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM05HA151JO3-RHTR02 Datasheet HTML 13Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
9.14
8.38
4.83
20 - 24
E
9.14
8.38
4.83
27
E
9.40
8.38
4.83
30 - 36
E
9.40
8.64
4.83
39
E
9.40
8.64
4.83
9.40
8.64
4.83
9.14
8.38
4.83
43
E
9.40
8.64
4.83
9.40
8.64
4.83
9.40
8.38
4.83
47 - 68
E
9.40
8.64
4.83
9.40
8.64
4.83
9.40
8.64
4.83
75
E
9.40
8.64
5.08
9.40
8.64
4.83
9.40
8.64
4.83
82
E
9.40
8.89
5.08
9.40
8.64
4.83
9.40
8.64
4.83
91 - 100
F
9.40
8.89
5.08
9.40
8.89
5.08
9.40
8.64
4.83
110
F
9.65
8.89
5.08
9.40
8.89
5.08
9.40
8.64
4.83
120
F
9.65
8.89
5.08
9.40
8.89
5.08
9.40
8.64
5.08
130
F
9.65
9.14
5.08
9.65
8.89
5.08
9.40
8.89
5.08
150
F
9.65
9.14
5.33
9.65
8.89
5.08
9.40
8.89
5.08
160
F
9.65
9.14
5.33
9.65
9.14
5.08
9.40
8.89
5.08
180
F
9.91
9.40
5.33
9.65
9.14
5.33
9.65
8.89
5.08
200
F
9.91
9.40
5.59
9.65
9.14
5.33
9.65
8.89
5.08
220
F
9.91
9.40
5.59
9.91
9.40
5.33
9.65
9.14
5.33
240 - 250
F
9.91
9.65
5.59
9.91
9.40
5.59
9.65
9.14
5.33
270
F
9.91
9.65
5.59
9.65
9.40
5.33
300
F
9.91
9.65
5.59
9.91
9.40
5.33
330
F
10.16
9.91
5.84
9.91
9.40
5.59
360
F
10.16
9.91
5.84
9.91
9.65
5.59
390 - 400
F
9.91
9.65
5.59
430 - 680
F
10.16
9.91
5.84
750 - 820*
F
10.16
9.91
5.84
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
0.360
0.330
0.190
20 - 24
E
0.360
0.330
0.190
27
E
0.370
0.330
0.190
30 - 36
E
0.370
0.340
0.190
39
E
0.370
0.340
0.190
0.370
0.340
0.190
0.360
0.330
0.190
43
E
0.370
0.340
0.190
0.370
0.340
0.190
0.370
0.330
0.190
47 - 68
E
0.370
0.340
0.190
0.370
0.340
0.190
0.370
0.340
0.190
75
E
0.370
0.340
0.200
0.370
0.340
0.190
0.370
0.340
0.190
82
E
0.370
0.350
0.200
0.370
0.340
0.190
0.370
0.340
0.190
91 - 100
F
0.370
0.350
0.200
0.370
0.350
0.200
0.370
0.340
0.190
110
F
0.380
0.350
0.200
0.370
0.350
0.200
0.370
0.340
0.190
120
F
0.380
0.350
0.200
0.370
0.350
0.200
0.370
0.340
0.200
130
F
0.380
0.360
0.200
0.380
0.350
0.200
0.370
0.350
0.200
150
F
0.380
0.360
0.210
0.380
0.350
0.200
0.370
0.350
0.200
160
F
0.380
0.360
0.210
0.380
0.360
0.200
0.370
0.350
0.200
180
F
0.390
0.370
0.210
0.380
0.360
0.210
0.380
0.350
0.200
200
F
0.390
0.370
0.220
0.380
0.360
0.210
0.380
0.350
0.200
220
F
0.390
0.370
0.220
0.390
0.370
0.210
0.380
0.360
0.210
240 - 250
F
0.390
0.380
0.220
0.390
0.370
0.220
0.380
0.360
0.210
270
F
0.390
0.380
0.220
0.380
0.370
0.210
300
F
0.390
0.380
0.220
0.390
0.370
0.210
330
F
0.400
0.390
0.230
0.390
0.370
0.220
360
F
0.400
0.390
0.230
0.390
0.380
0.220
390 - 400
F
0.390
0.380
0.220
430 - 680
F
0.400
0.390
0.230
750 - 820*
F
0.400
0.390
0.230
DM 10 / CM04 Mica Capacitors
DM10
CM04
Case
Dimensions
in Millimeters
Lead Spacing:
3.57 ± 0.8mm
DM10
CM04
Case
Dimensions
in Inches
Lead Spacing:
0.141 ± 0.031”
* Available only in 50 V rating.
Note: Values above 390 pF - available on special order only
Note: Bold Outlined Sections indicate
SHARMA Standard items.
DIMENSIONS:
LL = 31.75 mm (1.25”) min.
Sharma Mica Capacitors
Page 9
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - DM05HA151JO3-RHTR02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
logo
American Electronic Com...
DM05 AEC-DM05 Datasheet
229Kb / 3P
   miniature pcb power relay
logo
Willow Technologies Ltd
DM05 WILLOW-DM05 Datasheet
229Kb / 3P
   miniature pcb power relay
DM05-1011-25-1003 WILLOW-DM05-1011-25-1003 Datasheet
229Kb / 3P
   miniature pcb power relay
DM05-1011-25-1005 WILLOW-DM05-1011-25-1005 Datasheet
229Kb / 3P
   miniature pcb power relay
More results

Similar Description - DM05HA151JO3-RHTR02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com