Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF301U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WF301U
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF301U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WF301U Datasheet HTML 1Page - List of Unclassifed Manufacturers WF301U Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
EXTERNAL OUTPUT TRIMMING
OUTPUT VOLTAGE & CURRENT RATINGS
WF
Model
Input
Output
Output
Input Current
%
Voltage
Voltage
Current
No Load
Full Load
Efficiency
WF100
9-18 VDC
3.3 VDC
5000 mA
30 mA
1860 mA
74
WF101
9-18 VDC
5.0 VDC
5000 mA
30 mA
2675 mA
78
WF102
9-18 VDC
12.0 VDC
2500 mA
30 mA
3050 mA
82
WF103
9-18 VDC
15.0 VDC
2000 mA
30 mA
3050 mA
82
WF104
9-18 VDC
±5.0 VDC
±2500 mA
35 mA
2675 mA
78
WF105
9-18 VDC
±12.0 VDC
±1250 mA
35 mA
3050 mA
82
WF106
9-18 VDC
±15.0 VDC
±1000 mA
35 mA
3050 mA
82
WF107
9-18 VDC
5.0/±12.0 VDC
3500/±310 mA
35 mA
2640 mA
79
WF108
9-18 VDC
5.0/±15.0 VDC
3500/±250 mA
35 mA
2640 mA
79
WF200
18-36 VDC
3.3 VDC
5000 mA
30 mA
920 mA
75
WF201
18-36 VDC
5.0 VDC
5000 mA
30 mA
1336 mA
79
WF202
18-36 VDC
12.0 VDC
2500 mA
30 mA
1525 mA
82
WF203
18-36 VDC
15.0 VDC
2000 mA
30 mA
1525 mA
82
WF204
18-36 VDC
±5.0 VDC
±2500 mA
30 mA
1336 mA
79
WF205
18-36 VDC
±12.0 VDC
±1250 mA
30 mA
1470 mA
85
WF206
18-36 VDC
±15.0 VDC
±1000 mA
30 mA
1470 mA
85
WF207
18-36 VDC
5.0/±12.0 VDC
3500/±310 mA
30 mA
1320 mA
80
WF208
18-36 VDC
5.0/±15.0 VDC
3500/±250 mA
30 mA
1320 mA
80
WF300
36-72 VDC
3.3 VDC
5000 mA
20 mA
460 mA
75
WF301
36-72 VDC
5.0 VDC
5000 mA
20 mA
660 mA
79
WF302
36-72 VDC
12.0 VDC
2500 mA
20 mA
765 mA
82
WF303
36-72 VDC
15.0 VDC
2000 mA
20 mA
765 mA
82
WF304
36-72 VDC
±5.0 VDC
±2500 mA
25 mA
660 mA
79
WF305
36-72 VDC
±12.0 VDC
±1250 mA
25 mA
735 mA
85
WF306
36-72 VDC
±15.0 VDC
±1000 mA
25 mA
735 mA
85
WF307
36-72 VDC
5.0/±12.0 VDC
3500/±310 mA
25 mA
655 mA
80
WF308
36-72 VDC
5.0/±15.0 VDC
3500/±250 mA
25 mA
655 mA
80
Pin Connections
Pin
Single Output
Dual Output
Triple Output
1
REMOTE ON/OFF
REMOTE ON/OFF
REMOTE ON/OFF
2
NO PIN
NO PIN
NO PIN
3
–VIN
–VIN
–VIN
4
+VIN
+VIN
+VIN
5
OUTPUT TRIM
OUTPUT TRIM
–OUTPUT
6
–OUTPUT
–OUTPUT
COMMON
7
+OUTPUT
COMMON
+5V OUTPUT
8
NO PIN
+OUTPUT
+OUTPUT
Triple Output Loading Table
(1)
Output
Voltage
Amperes
(Pin No.)
Min.
(2)
Nom.
7+5
0.50
3.50
8 & 5
+12 or -12
0.10
0.31
8 & 5
+15 or -15
0.10
0.25
Notes:
1. Maximum total power from all outputs is limited to 25 watts but no output should
be allowed to exceed its maximum current.
2. Minimum current on each output is required to maintain specified regulation.
Dimensions in inches (mm)
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
40
For optional UL1950 approved product, add suffix “U” to part number.
021-040
3/5/02
4:04 pm
Page 20


Similar Part No. - WF301U

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WF301 XPPOWER-WF301 Datasheet
86Kb / 2P
   DC-DC Power Supplies
WF301 XPPOWER-WF301 Datasheet
297Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - WF301U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com