Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT075103H251A Datasheet(PDF) 3 Page - Sharma Electro Components,Inc

Part # MKT075103H251A
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT075103H251A Datasheet(HTML) 3 Page - Sharma Electro Components,Inc

  MKT075103H251A Datasheet HTML 1Page - Sharma Electro Components,Inc MKT075103H251A Datasheet HTML 2Page - Sharma Electro Components,Inc MKT075103H251A Datasheet HTML 3Page - Sharma Electro Components,Inc MKT075103H251A Datasheet HTML 4Page - Sharma Electro Components,Inc MKT075103H251A Datasheet HTML 5Page - Sharma Electro Components,Inc MKT075103H251A Datasheet HTML 6Page - Sharma Electro Components,Inc MKT075103H251A Datasheet HTML 7Page - Sharma Electro Components,Inc MKT075103H251A Datasheet HTML 8Page - Sharma Electro Components,Inc MKT075103H251A Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ELECTRICAL - BASIC PARAMETERS
1.1 RATED CAPACITANCE
The nominal or rated value of capacitance is measured at 25 °C in an measuring bridge with 1K Hz
source, free of harmonics. Please refer to relevant series for the range of capacitance value covered.
Capacitance is frequency and temperature dependent. The variation pattern of capacitance with
temperature and frequency is explained in sections 2.1 and 2.2.
1.2 CAPACITANCE TOLERANCE
The permitted variation of actual value from the nominal value is termed the tolerance. The tolerance
is expressed in percentage. The standard tolerances for plastic film capacitors are ±5% (J), ±10% (K)
and ±20% (M).
1.3 RATED VOLTAGE
The voltage at which the capacitor can operate continuously up to a temperature of 85 °C (unless
otherwise specified) is the rated voltage. As this is a critical parameter for choosing a capacitor, the
case sizes are listed in a matrix of capacitance value and rated voltage.
1.4 CATEGORY VOLTAGE
The maximum voltage that may be applied continuously over the temperature range is termed the
category voltage. This is same as the rated voltage up to 85 °C unless otherwise specified in the
climactic category of the product. Above 85 °C a derating has to be applied depending upon the
dielectric.
1.5 OPERATING TEMPERATURE
This is the temperature range with in which the capacitor can function as specified in the climactic
category. Please refer to relevant sections for derating above the temperature at which the full rated
voltage can be applied.
1.6 DISSIPATION FACTOR
This is the measurement of tangent of loss angle (tan d) and is expressed as a percentage.
Measurement of dissipation factor is carried out at 1 K Hz. or 10 K Hz. as specified in the data sheet
of the relevant series at 25 °C. Dissipation factor is temperature and frequency dependent. The
nature of variation of dissipation factor with temperature and frequency for different dielectric are
explained in Figures 2.3A to 2.3C and 2.4A to 2.4C.
1.7 INSULATION RESISTANCE
Insulation Resistance is the electrical resistance offered by the capacitor. The Insulation Resistance
is measured directly in Mega Ohms where as for higher capacitance values it is expressed in seconds
as the product of M Ohm and µF.
1.8 PULSE RISE TIME
The pulse rise time or dv/dt rating is the capability of the capacitor to handle rapid changes in voltage
or pulse. This is expressed in terms of Volts per µseconds. The dv/ dt rating of a capacitor depends
upon the dielectric as well as the design and construction of the capacitors. The dv/dt values of
different types of capacitors are listed in the corresponding data sheets of the capacitors.
ELECTRICAL - EFFECTS AND RELATIONS
2.1 TEMPERATURE DEPENDENCE OF CAPACITANCE
Capacitance of plastic film capacitors vary with temperature. However the pattern of variation is
different for different plastic film dielectrics such as Polystyrene, Polyester and Polypropylene. The
The variation patterns for these dielectrics are shown in figure 2.1A, 2.1B and 2.1C. The rate of
change of capacitance with temperature is termed the Temperature Coefficient. The nominal values
of temperature coefficient for different dielectrics are shown below.
2.2 FREQUENCY DEPENDENCE OF CAPACITANCE
Capacitance reduces with increase in frequency. The
variation pattern for different dielectrics are shown in
figure 2.2A, 2.2B and 2.2C.
2.3 TEMPERATURE DEPENDENCE OF
DISSIPATION FACTOR
The dissipation factor varies with temperature. Each
dielectric follows a unique variation pattern. The variation
pattern for different dielectrics are shown in figure 2.3A,
2.3B and 2.3C.
PERFORMANCE CHARACTERISTICS
Figure 2.1B
Figure 2.1C
Figure 2.2A
Figure 2.2C
Figure 2.2B
Polyester
Capacitance Change Vs. Temperature
Polypropylene
Capacitance Change Vs. Temperature
Polystyrene
Capacitance Change Vs. Frequency
Polyester
Capacitance Change Vs. Frequency
Polypropylene
Capacitance Change Vs. Frequency
DIELECTRICS
POLYSTYRENE
POLYESTER
POLYPROPYLENE
TEMPERATURE
COEFFICIENT
-150 ppm
+400 ppm
-200 ppm
Figure 2.1A
Polystyrene
Capacitance Change Vs. Temperature
Sharma Film Capacitors


Similar Part No. - MKT075103H251A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT075 SHARMA-MKT075 Datasheet
640Kb / 18P
   Film Capacitors
MKT075 SHARMA-MKT075 Datasheet
315Kb / 1P
   Sharma Film Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
   Sharma Film Capacitors
More results

Similar Description - MKT075103H251A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com