Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEL2213C Datasheet(PDF) 1 Page - Sanken electric

Part # SEL2213C
Description  3phi Inverted-cone LED for surface illumination
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL2213C Datasheet(HTML) 1 Page - Sanken electric

  SEL2213C Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
3
φ Inverted-cone LED for surface illumination
SEL2013 Series
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
SEL2013 Series
Tolerance:
±0.3
(Unit: mm)
1.7
1.9
1.9
1.9
2.0
2.0
2.0
SEL2613CS-S
SEL2213C
SEL2813A
SEL2913K
SEL2713K
SEL2413E
SEL2413G
SEL2513E
Transparent light red
Clear
Transparent orange
Transparent light yellow
Transparent yellow
Transparent green
Diffused green
Transparent green
Electrical Optical characteristics (Ta=25
°C)
2.5
2.5
2.5
2.5
2.5
2.5
2.5
Red
Amber
Orange
Yellow
Green
Pure green
10
10
10
10
10
10
10
3
3
3
3
3
3
3
80
7.0
8.0
8.0
17
14
12
5.0
20
20
20
20
20
20
20
660
630
610
587
570
560
555
30
35
35
33
30
20
20
GaAlAs
GaAsP
GaP
100
50
50
50
50
50
50
10
10
10
10
10
10
10
10
10
10
10
10
10
10
1.7
0.4
1.0min
25.8min
2.6±
0.1
(1.3)
Resin heap 1.5max
Resin burr 0.3max
Cathode
0.4±
0.1
1.7
0.4
1.0min
25.8min
2.6±
0.1
(1.3)
Resin heap 1.5max
Resin burr 0.3max
Cathode
0.4±
0.1
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
(Other than GaAlAs chip)
(GaAlAs)
High-
intensity red


Similar Part No. - SEL2213C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL2213C SANKEN-SEL2213C Datasheet
439Kb / 2P
   3phi Inverted-Cone LEDs (for lighting-panels and illumination)
More results

Similar Description - SEL2213C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL6013 SANKEN-SEL6013 Datasheet
25Kb / 1P
   3phi Inverted-cone LED for surface illumination (Direct Mount)
SEL1013 SANKEN-SEL1013 Datasheet
25Kb / 1P
   5phi Inverted-cone LED for surface illumination
SEL2013 SANKEN-SEL2013_08 Datasheet
439Kb / 2P
   3phi Inverted-Cone LEDs (for lighting-panels and illumination)
SEL6013 SANKEN-SEL6013_08 Datasheet
427Kb / 2P
   3phi Inverted-Cone LEDs (for lighting-panels)
SEL1013M SANKEN-SEL1013M Datasheet
434Kb / 2P
   5phi Inverted-Cone LEDs (for lighting-panels and illumination)
logo
BetLux Electronics
BL-L333SRC BETLUX-BL-L333SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L334SRC BETLUX-BL-L334SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L532 BETLUX-BL-L532 Datasheet
231Kb / 4P
   5mm Cylindrical, Inverted Cone LED lamp
BL-L334 BETLUX-BL-L334 Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com