Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEL4910D Datasheet(PDF) 1 Page - Sanken electric

Part # SEL4910D
Description  4phi Round Standard LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL4910D Datasheet(HTML) 1 Page - Sanken electric

  SEL4910D Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
17
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
2.0
1.9
1.9
1.9
2.0
2.0
2.0
SEL4110S
SEL4110R
SEL4210S
SEL4210R
SEL4810A
SEL4810D
SEL4910A
SEL4910D
SEL4710K
SEL4710Y
SEL4410E
SEL4410G
SEL4510C
4
φ Round Standard LED
SEL4010 Series
Transparent red
Diffused red
Transparent red
Diffused red
Transparent orange
Diffused orange
Transparent orange
Diffused orange
Transparent yellow
Diffused yellow
Transparent green
Diffused green
Clear
Electrical Optical characteristics (Ta=25
°C)
2.4
1.7
30
17
20
15
26
16
36
14
87
34
45
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
SEL4010 Series
2.5
2.5
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
10
10
50
50
50
50
50
50
50
3
3
3
3
3
3
3
5
20
10
10
10
10
20
20
20
700
630
610
587
570
560
555
10
10
10
10
10
10
10
100
35
35
33
30
20
20
10
10
10
10
10
10
10
Diffuse lens
Transparent lens
2.2
0.4±
0.1
Resin heap 1.5max
Cathode
1.0min
25.5min
5.0±
0.2
6.5±
0.5
0.8
1.5
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
Deep red
Red
Amber
Orange
Yellow
Green
Pure green
GaP
GaAsP
GaP
Tolerance:
±0.3
(Unit: mm)


Similar Part No. - SEL4910D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL4910D SANKEN-SEL4910D Datasheet
435Kb / 2P
   4phi Round Standard LEDs
More results

Similar Description - SEL4910D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL4010 SANKEN-SEL4010_08 Datasheet
435Kb / 2P
   4phi Round Standard LEDs
SEL4014 SANKEN-SEL4014 Datasheet
26Kb / 1P
   4phi Round Wide-directivity LED (Direct Mount)
SEL4027 SANKEN-SEL4027 Datasheet
26Kb / 1P
   4phi Bow-shaped LED
SEL4014 SANKEN-SEL4014_08 Datasheet
427Kb / 2P
   4phi Round Wide Viewing Angle LEDs
SEL6027 SANKEN-SEL6027 Datasheet
27Kb / 1P
   4phi Bow-shaped LED (Direct Mount)
SEL1010M SANKEN-SEL1010M Datasheet
24Kb / 1P
   5phi Round Standard LED
SEL2010 SANKEN-SEL2010 Datasheet
29Kb / 1P
   3phi Round Standard LED
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
logo
Sanken electric
SML1016 SANKEN-SML1016 Datasheet
34Kb / 1P
   5phi Round Standard Bicolor LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com