Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML19460C Datasheet(PDF) 1 Page - Sanken electric

Part # SML19460C
Description  2.5x5 Rectangular Bicolor LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SML19460C Datasheet(HTML) 1 Page - Sanken electric

  SML19460C Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
46
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
1.9
2.0
1.9
2.0
SML12460C
SML19460C
2.5
×5 Rectangular Bicolor LED
SML10060 Series
Clear
Clear
Electrical Optical characteristics (Ta=25
°C)
qCommon cathode (Internal wiring diagram 1)
10
25
15
25
Directivity (Typical)
External Dimensions
SEL10060Series
2.5
2.5
2.5
2.5
10
10
10
10
4
4
4
4
20
20
20
20
630
560
587
560
10
10
10
10
35
20
35
20
10
10
10
10
GaAsP
GaP
GaAsP
GaP
Red
Green
Orange
Green
(Unit: mm)
10
10
10
10
1.7
2.4
SML16760CN Clear
qCommon anode (Internal wiring diagram 2)
2.2
3.0
Yellow
10
10
4
4
30
40
20
20
660
570
30
30
GaAlAs
GaP
10
10
10
10
10
10
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V4
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
0.8
Resin heap 1.5max
0.5±
0.1
Resin burr 0.3max
2.8
1.2 (2.0)
2.5±
0.2
1.0min
1.5min
17.0min
7.0±
0.5
5.0
±0.2
Tolerance:
±0.3
90
°
60
°
30
°
0
°
A
B
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
A
B
A
B
A
B
Internal wiring
diagram 1
Internal wiring
diagram 2
AB
AB
High-
intensity red


Similar Part No. - SML19460C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SML19416W SANKEN-SML19416W Datasheet
34Kb / 1P
   5phi Round Standard Bicolor LED
SML19416W SANKEN-SML19416W Datasheet
444Kb / 2P
   5phi Round Standard Bicolor LEDs
More results

Similar Description - SML19460C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1022 SANKEN-SEL1022 Datasheet
24Kb / 1P
   2.5x5 Rectangular LED
logo
LUMEX INC.
SSL-LX2573SRSGW LUMEX-SSL-LX2573SRSGW Datasheet
51Kb / 1P
   2mm X 5mm RECTANGULAR BICOLOR LED
logo
Sanken electric
SML70020 SANKEN-SML70020 Datasheet
29Kb / 1P
   3.3x6 Rectangular Bicolor LED (Direct Mount)
logo
LUMEX INC.
SSL-LX2577GIW LUMEX-SSL-LX2577GIW Datasheet
51Kb / 1P
   2mm X 5mm Rectangular BICOLOR LED
SSL-LX2577IGW LUMEX-SSL-LX2577IGW Datasheet
49Kb / 1P
   2mm X 5mm Rectangular BICOLOR LED
SSL-LX2573GHW LUMEX-SSL-LX2573GHW Datasheet
51Kb / 1P
   2mm X 5mm RECTANGULAR BICOLOR LED
SSL-LX2573HGW LUMEX-SSL-LX2573HGW Datasheet
53Kb / 1P
   2mm X 5mm RECTANGULAR BICOLOR LED
SSL-LX2573IGW LUMEX-SSL-LX2573IGW Datasheet
67Kb / 1P
   2MM X 5MM RECTANGULAR BICOLOR LED
logo
Chicago Miniature Lamp,...
5639D1 CML-5639D1 Datasheet
25Kb / 1P
   Rectangular Bicolor Right Angle LED Assembly
logo
Visual Communications C...
5639 VCC-5639 Datasheet
81Kb / 1P
   Rectangular Bicolor Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com