Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-532A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST-532A
Description  Surface Mount Cermet Trimmers (single turn)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST-532A Datasheet(HTML) 5 Page - Vishay Siliconix

  ST-532A Datasheet HTML 1Page - Vishay Siliconix ST-532A Datasheet HTML 2Page - Vishay Siliconix ST-532A Datasheet HTML 3Page - Vishay Siliconix ST-532A Datasheet HTML 4Page - Vishay Siliconix ST-532A Datasheet HTML 5Page - Vishay Siliconix ST-532A Datasheet HTML 6Page - Vishay Siliconix ST-532A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 58009
For technical questions contact: copalsupport@vishay.com
www.vishay.com
Revision: 06-Mar-06
5
ST-32
Vishay
Surface Mount Cermet Trimmers (single turn)
The products indicated by * mark are manufactured upon
receipt of order basis
CFC’s, Halon, Carbon tetrachloride and designated bromic flame
retardant PBBOs and PBBs are not used in our products.
The products indicated by * mark are manufactured upon
receipt of order basis.
* The above part numbers are all available with the
respective combination of <Nominal resitance values>
(Fig.1)
* Verify the above part numbers when placing orders.
* Taping specification is not sold seperately and must be
purchased in reel units.
MAXIMUM INPUT RATINGS
Nominal
resistance
values (
Ω)
Resistance
code
Maximum
input voltage
(V)
Maximum
wiper current
(mA)
10*
11
1.00
100
20*
21
1.58
79.1
50
51
2.50
50.0
100
12
3.53
35.4
200
22
5.00
25.0
300
32
6.12
20.4
500
52
7.91
15.8
1 k
13
11.2
11.2
2 k
23
15.8
7.91
3 k
33
19.4
6.45
5 k
53
25.0
5.00
10 k
14
35.4
3.54
20 k
24
50.0
2.50
30 k
34
61.2
2.04
50 k
54
79.1
1.58
100 k
15
112
1.12
200 k
25
158
0.79
500 k
55
200
0.40
1 M
16
200
0.20
2 M
26
200
0.10
CONSTRUCTION
Part Name
Material
Flammability
1 Wiper
Multi metal alloy
-
2Cover
Stainless steel
(SUS 304)
3 Housing
Epoxy
UL-94V-0
4 Terminal pin
Sn-Pb
Copper alloy,
Solder-plated
-
Sn-Cu
Copper alloy,
Sn-Cu-plated
5 Base element
Ceramic
6 “O” ring
Silicone rubber
UL-94HB
7 Rotor
PPS
(Polyphenylenesulphide)
UL-94V-0
8 Electrode
Ag-Pd cermet
-
9 Resistive element
RuO2 cermet
LIST OF PART NUMBERS
Form of packing
Taping (reel)
Vinyl bag
Adjustment
position
Shape of terminal
Sn-Pb
Sn-Cu
(Lead (Pb)-free)
Sn-Pb
Sn-Cu
(Lead (Pb)-free)
Top
adjustment
A (J-hook)
ST-32TA
ST-32ETA
ST-532A
ST-32EA
B (Gull-wing)
ST-32TB
ST-32ETB
ST-32B
ST-32EB
Side
adjustment
G (J-hook)
ST-32TG
ST-32ETG
ST-32G
ST-32EG
H (Gull-wing)
ST-32TH
ST-32ETH
ST-32H
ST-32EH
Pieces in package
500 pcs./reel
100 pcs./reel
FIG. 1: NOMINAL RESISTANCE VALUES
10
Ω∗
20
Ω∗
50
Ω
100
Ω
200
Ω
300
Ω
500
Ω
1 k
Ω
2 k
Ω
3 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
30 k
Ω
50 k
Ω
100 k
Ω
200 k
Ω
500 k
Ω
1 M
Ω
2 M
Ω
-
2
3
4
9
8
5
6
7
1


Similar Part No. - ST-532A

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
ST-5 SYSTEMSENSOR-ST-5 Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
ST-5 SYSTEMSENSOR-ST-5 Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
ST-5 SYSTEMSENSOR-ST-5 Datasheet
404Kb / 4P
   Intelligent Low-Flow Duct Smoke Detectors
ST-5 SYSTEMSENSOR-ST-5 Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ST-5 SYSTEMSENSOR-ST-5 Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
More results

Similar Description - ST-532A

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
    Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
logo
List of Unclassifed Man...
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETA103 ETC2-ST32ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETD102 ETC2-ST-4ETD102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETA102 ETC1-ST-4ETA102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST32EA100 COPAL-ST32EA100 Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-2 COPAL-ST-2 Datasheet
86Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com