Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8329IRSARG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS8329IRSARG4
Description  LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8329IRSARG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8329IRSARG4 Datasheet HTML 7Page - Texas Instruments ADS8329IRSARG4 Datasheet HTML 8Page - Texas Instruments ADS8329IRSARG4 Datasheet HTML 9Page - Texas Instruments ADS8329IRSARG4 Datasheet HTML 10Page - Texas Instruments ADS8329IRSARG4 Datasheet HTML 11Page - Texas Instruments ADS8329IRSARG4 Datasheet HTML 12Page - Texas Instruments ADS8329IRSARG4 Datasheet HTML 13Page - Texas Instruments ADS8329IRSARG4 Datasheet HTML 14Page - Texas Instruments ADS8329IRSARG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
www.ti.com
t
SAMPLE1 =3CCLKsmin
t
d(CSR-EOS) =20nsmin
t
CONV =18CCLKs
t
h(CSF-EOC)
t
h(CSF-EOC)
t
h(CSR-EOS)
t
h(CSF-EOS)
t
su(CSF-EOC)
t
su(CSF-EOS)
t
SAMPLE1 =3CCLKsmin
t
wL(CONVST)
EOC
(activelow)
MANUAL TRIGGER/READWhileSampling
(useinternalCCLK,EOCand
polarityprogrammedasactivelow)
INT
(activelow)
INT
/FS
CS
SCLK
SDO
SDI
CONVST
Nth
Nth
1101b
1101b
Nth−1th
Nth
READResult
READResult
1....................16
1
1101b
1110b..............
1101b
Nth
CONFIGURE
READResult
N − 1th
N − 1th
Nth
READResult
EOC
(activelow)
AUTOTRIGGER/READWhileSampling
(useinternalCCLK,EOCand
polarityprogrammedasactivelow)
INT
(activelow)
INT
/FS
CS
SCLK
SDO
SDI
=1
CONVST
t
SAMPLE2 =3CCLKs
t
SAMPLE2 =3CCLKs
t
CONV =18CCLKs
t
CONV =18CCLKs
t
h(CSF-EOC)
t
h(CSF-EOC)
t
h(CSF-EOS)
t
su(CSF-EOS)
t
su(CSF-EOS)
1...................16
1...................16
1
ADS8329
ADS8330
SLAS516 – DECEMBER 2006
Figure 1. Timing for Conversion and Acquisition Cycles for Manual Trigger (Read while sampling)
Figure 2. Timing for Conversion and Acquisition Cycles for Autotrigger (Read while sampling)
11
Submit Documentation Feedback


Similar Part No. - ADS8329IRSARG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8329IRSARG4 BURR-BROWN-ADS8329IRSARG4 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS8329IRSARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com