Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2429 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U2429
Description  SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U2429 Datasheet(HTML) 3 Page - Unisonic Technologies

  U2429 Datasheet HTML 1Page - Unisonic Technologies U2429 Datasheet HTML 2Page - Unisonic Technologies U2429 Datasheet HTML 3Page - Unisonic Technologies U2429 Datasheet HTML 4Page - Unisonic Technologies U2429 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC U2429
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R502-031,A
DC CHARACTERISTICS OF DIGITAL BLOCK
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
"L" level input voltage
VIL
0
~
0.2
VCC
V
"H" level input voltage
VIH
Data, clock pin
0.8
VCC
~
VCC
V
"L" level input current
IIL
VI=0
-10
10
μ
A
"H" level input current
IIH
VI=5V
Data, clock pin
10
μ
A
AC CHARACTERISTICS OF DIGITAL BLOCK
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cycle time of clock
tcr
VDD=5V
4
μ
s
Pulse width of clock ("H" level)
tWHC
VDD=5V
1.6
μ
s
Pulse width of clock ("L" level)
tWLC
VDD=5V
1.6
μ
s
Clock rising time
tr
VDD=5V
0.4
μ
s
Clock falling time
tf
VDD=5V
0.4
μ
s
Data setup time
tSD
VDD=5V
0.8
μ
s
Data hold time
tHD
VDD=5V
0.8
μ
s
RELATIONSHIP BETWEEN DATA AND CLOCK
CLOCK
DATA
D0
D1
D2
D3
Reads data signal at the rising edge of clock signal
D8
D9
D10
Latch signal "H"
Reads latch signal at the falling edge of clock


Similar Part No. - U2429

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U2429G-D08-T UTC-U2429G-D08-T Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
U2429G-S08-R UTC-U2429G-S08-R Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
U2429L-D08-T UTC-U2429L-D08-T Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
More results

Similar Description - U2429

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
   Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
   Serial Data Control Dual Electronic Volume
logo
Mitsubishi Electric Sem...
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M61545AFP RENESAS-M61545AFP Datasheet
303Kb / 12P
   Serial Data Control Dual Electronic Volume
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
   Serial data controlled dual channel electronic volume control
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
   DUAL ELECTRONIC VOLUME CONTROL
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
   DUAL ELECTRONIC VOLUME CONTROL
logo
Sanyo Semicon Device
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
   High Breakdown Voltage Serial Control Electronic Volume Control
LC7535M SANYO-LC7535M Datasheet
226Kb / 9P
   Electronic Volume/Loudness Control with Serial Data Control and High Voltage-Handling Capacity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com