Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT100104J500 Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # MKT100104J500
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT100104J500 Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  MKT100104J500 Datasheet HTML 1Page - Sharma Electro Components,Inc MKT100104J500 Datasheet HTML 2Page - Sharma Electro Components,Inc MKT100104J500 Datasheet HTML 3Page - Sharma Electro Components,Inc MKT100104J500 Datasheet HTML 4Page - Sharma Electro Components,Inc MKT100104J500 Datasheet HTML 5Page - Sharma Electro Components,Inc MKT100104J500 Datasheet HTML 6Page - Sharma Electro Components,Inc MKT100104J500 Datasheet HTML 7Page - Sharma Electro Components,Inc MKT100104J500 Datasheet HTML 8Page - Sharma Electro Components,Inc MKT100104J500 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Part Marking
The Capacitance value is marked in µF along
with the Tolerance code and the DC Voltage
Figures on the side of the capacitors. The
capacitance is also marked in Capacitance
code with the first two digits representing the
significant
digits
followed
by
one
digit
representing the number of zeros. The SAHA
logo may be replaced with
marking, "SH", “S”
or no brand marking depending on the limitation of space.
The Capacitance value is marked in µF together
with the Tolerance code and the DC Voltage
Figures on the top surface of the capacitors. The
capacitance is also marked in Nano Farads with "n"
representing the decimal point in the capacitance
value. The SAHA logo and series codes, MKT100,
MKP 100, KP300 etc., or their former series
designations, are marked on the side. MKT100 series is supplied in
certain cases, without series code marking. SAHA logo may be
replaced with
marking,
"SH" or “S” depending upon the
limitations of space.
All other types of capacitors such as tape wrapped axial, tape wrapped radial, vertical box type etc.,. are also marked on the body of the
capacitor with the similar information in one of the combinations, as explained above. In addition, in certain cases, the outer foil side is also
indicated with a dot or ring.
BOX TYPE
DIPPED TYPE
OTHER TYPES
2.2J250
MKT 100
2.2K250
Ordering/Part Numbering
Example below indicates: MKT100 Series, 0.1µF, 5% Tol., 100 Volts, Bulk.
(EXAMPLE)
M
K
T
1
0
0
1
0
4
J
1
0
1
Series
Enter Series Code: (Up to 6 Digits)
MKT050, MKT075, MKT100, MKT00S, MKTD01, MKTD02,
MKTD03, MKTR, MKTO.
Capacitance
Enter EIA Capacitance Code: (3 Digits)
First Two Digits Represent Significant Figures of Capacitance in Picofarads.
Third Digit Indicates Number of Zeros
Example: 1000pF = 102
0.01uF
= 103
Tolerance
Enter Capacitance Tolerance Code: (1 Digit)
Tolerance
SPCL
± 1%
± 2%
± 3%
± 5%
± 6%
± 10% ± 20%
Code
A
F
G
L
J
H
K
M
Rated Voltage
Enter Voltage Code: (3 Digits)
First Two Digits Represent Significant Figures of DC Voltage unless individual data sheet specifies Only AC Rating.
Third Digit Indicates Number of Zeros
Example: 50V DC
=
500
250V DC = 251
Product Packaging Code
Standard for Film Capacitors is Bulk packing. No Packaging Code Required for Bulk Style.
For other packaging styles, Enter packaging code listed below. (1 Digit)
Packaging
Packaging
Code
Style
T
Tape / Reel
A
Ammo
( no code)
Bulk
Sharma Film Capacitors
RH
RoHS
Compliant


Similar Part No. - MKT100104J500

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT100 SHARMA-MKT100 Datasheet
640Kb / 1P
   Film Capacitors
MKT100 SHARMA-MKT100 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
More results

Similar Description - MKT100104J500

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com