Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT100104L500 Datasheet(PDF) 6 Page - Sharma Electro Components,Inc

Part # MKT100104L500
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT100104L500 Datasheet(HTML) 6 Page - Sharma Electro Components,Inc

Back Button MKT100104L500 Datasheet HTML 2Page - Sharma Electro Components,Inc MKT100104L500 Datasheet HTML 3Page - Sharma Electro Components,Inc MKT100104L500 Datasheet HTML 4Page - Sharma Electro Components,Inc MKT100104L500 Datasheet HTML 5Page - Sharma Electro Components,Inc MKT100104L500 Datasheet HTML 6Page - Sharma Electro Components,Inc MKT100104L500 Datasheet HTML 7Page - Sharma Electro Components,Inc MKT100104L500 Datasheet HTML 8Page - Sharma Electro Components,Inc MKT100104L500 Datasheet HTML 9Page - Sharma Electro Components,Inc MKT100104L500 Datasheet HTML 10Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
MKT 050 SERIES CASE DIMENSIONS
Voltage
50 V DC / 30 V AC
63 V DC / 40 V AC
100 V DC / 63 V AC
250 V DC / 160 V AC
400 V DC / 200 V AC
Cap Value
Dimensions in MM
Dimensions in MM
Dimensions in MM
DIMENSIONS IN MM
DIMENSIONS IN MM
in µF
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
0.001
7.2
6.5
2.5
5.0
7.2
6.5
2.5
5.0
0.0015
7.2
6.5
2.5
5.0
7.2
6.5
2.5
5.0
0.0022
7.2
6.5
2.5
5.0
7.2
6.5
2.5
5.0
0.0033
7.2
6.5
2.5
5.0
7.2
6.5
2.5
5.0
0.0047
7.2
6.5
2.5
5.0
7.2
6.5
2.5
5.0
0.0068
7.2
6.5
2.5
5.0
7.2
6.5
2.5
5.0
7.2
6.5
3.0
5.0
0.01
7.2
6.5
2.5
5.0
7.2
6.5
2.5
5.0
7.2
7.5
3.5
5.0
0.015
7.2
6.5
2.5
5.0
7.2
6.5
2.5
5.0
7.2
9.5
4.5
5.0
0.022
7.2
6.5
2.5
5.0
7.2
6.5
3.0
5.0
7.2
9.5
4.5
5.0
0.033
7.2
6.5
2.5
5.0
7.2
7.5
3.5
5.0
7.2
10.0
5.0
5.0
0.047
7.2
6.5
2.5
5.0
7.2
6.5
3.0
5.0
7.2
9.5
4.5
5.0
7.2
11.0
6.0
5.0
0.068
7.2
6.5
2.5
5.0
7.2
7.5
3.5
5.0
7.2
9.5
4.5
5.0
0.1
7.2
6.5
2.5
5.0
7.2
6.5
2.5
5.0
7.2
9.5
4.5
5.0
7.2
11.0
6.0
5.0
0.15
7.2
6.5
3.0
5.0
7.2
7.5
3.5
5.0
7.2
10.0
5.0
5.0
7.2
13.0
7.2
5.0
0.22
7.2
7.5
3.5
5.0
7.2
7.5
3.5
5.0
7.2
11.0
6.0
5.0
7.2
13.0
7.2
5.0
0.33
7.2
7.5
3.5
5.0
7.2
9.5
4.5
5.0
0.47
7.2
9.5
4.5
5.0
7.2
10.0
5.0
5.0
0.68
7.2
10.0
5.0
5.0
7.2
11.0
6.0
5.0
1.0
7.2
11.0
6.0
5.0
Voltage
50 V DC / 30 V AC
63 V DC / 40 V AC
100 V DC / 63 V AC
250 V DC / 160 V AC
400 V DC / 200 V AC
Cap Value
DimensionsinInches
DimensionsinInches
DimensionsinInches
DimensionsinInches
DimensionsinInches
in µF
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
0.001
0.283
0.256
0.098
0.197
0.283
0.256
0.098
0.197
0.0015
0.283
0.256
0.098
0.197
0.283
0.256
0.098
0.197
0.0022
0.283
0.256
0.098
0.197
0.283
0.256
0.098
0.197
0.0033
0.283
0.256
0.098
0.197
0.283
0.256
0.098
0.197
0.0047
0.283
0.256
0.098
0.197
0.283
0.256
0.098
0.197
0.0068
0.283
0.256
0.098
0.197
0.283
0.256
0.098
0.197
0.283
0.256
0.118
0.197
0.01
0.283
0.256
0.098
0.197
0.283
0.256
0.098
0.197
0.283
0.295
0.138
0.197
0.015
0.283
0.256
0.098
0.197
0.283
0.256
0.098
0.197
0.283
0.374
0.177
0.197
0.022
0.283
0.256
0.098
0.197
0.283
0.256
0.118
0.197
0.283
0.374
0.177
0.197
0.033
0.283
0.256
0.098
0.197
0.283
0.295
0.138
0.197
0.283
0.394
0.197
0.197
0.047
0.283
0.256
0.098
0.197
0.283
0.256
0.118
0.197
0.283
0.374
0.177
0.197
0.283
0.433
0.236
0.197
0.068
0.283
0.256
0.098
0.197
0.283
0.295
0.138
0.197
0.283
0.374
0.177
0.197
0.1
0.283
0.256
0.098
0.197
0.283
0.256
0.098
0.197
0.283
0.374
0.177
0.197
0.283
0.433
0.236
0.197
0.15
0.283
0.256
0.118
0.197
0.283
0.295
0.138
0.197
0.283
0.394
0.197
0.197
0.283
0.512
0.283
0.197
0.22
0.283
0.295
0.138
0.197
0.283
0.295
0.138
0.197
0.283
0.433
0.236
0.197
0.283
0.512
0.283
0.197
0.33
0.283
0.295
0.138
0.197
0.283
0.374
0.177
0.197
0.47
0.283
0.374
0.177
0.197
0.283
0.394
0.197
0.197
0.68
0.283
0.394
0.197
0.197
0.283
0.433
0.236
0.197
1.0
0.283
0.433
0.236
0.197
Case Dimensions in Millimeters 50V • 63V • 100V • 250V • 400V
Case Dimensions in Inches 50V • 63V • 100V • 250V • 400V
Sharma Film Capacitors


Similar Part No. - MKT100104L500

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT100 SHARMA-MKT100 Datasheet
640Kb / 1P
   Film Capacitors
MKT100 SHARMA-MKT100 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
More results

Similar Description - MKT100104L500

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com