Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ936-1A-24DE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AZ936-1A-24DE
Description  10 AMP LOW PROFILE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AZ936-1A-24DE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AZ936-1A-24DE Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ936-1A-24DE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2000-04-21
ZETTLER electronics
Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com
AZ936
RELAY ORDERING DATA
COIL SPECIFICATIONS SPST-NO (1 Form A)
ORDER NUMBER
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Unsealed
Sealed
VDC
VDC
VDC
±10%
3
2.4
3.9
30
AZ936–1A–3D
AZ936–1A–3DE
5
4.0
6.5
83
AZ936–1A–5D
AZ936–1A–5DE
6
4.8
7.8
120
AZ936–1A–6D
AZ936–1A–6DE
9
7.2
11.7
270
AZ936–1A–9D
AZ936–1A–9DE
12
9.6
15.6
480
AZ936–1A–12D
AZ936–1A–12DE
24
19.2
31.2
1920
AZ936–1A–24D
AZ936–1A–24DE
48
33.6
52.8
4608
AZ936–1A–48D
AZ936–1A–48DE
100
70.0
110.0
20,000
AZ936–1A–100D
AZ936–1A–100DE
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
1
4
2
3
4
3
1
2
PC BOARD LAYOUT
WIRING DIAGRAM
VIEWED TOWARD TERMINALS
VIEWED TOWARD TERMINALS
1
2
4
3
[10.2]
.400
[ø0.9]
2xø.035
[2.1]
.083
[12.7]
.500
[ø1.3]
2xø.051
[1.6]
.065
[17.8]
.700
[0.4]
.016
[6.4]
.252
[0.3]
2x.012
[3.6]
.142
[0.8]
2x.020 SQ.
[22.0]
.866
[1.0]
2x.040
[12.7]
.500
[16.0]
.630


Similar Part No. - AZ936-1A-24DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ936-1A-24DE AZETTLER-AZ936-1A-24DE Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936-1A-24DE ZETTLER-AZ936-1A-24DE Datasheet
71Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
More results

Similar Description - AZ936-1A-24DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936 ZETTLER-AZ936 Datasheet
71Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ944 AZETTLER-AZ944 Datasheet
76Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ948 ZETTLER-AZ948 Datasheet
139Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ948 AZETTLER-AZ948 Datasheet
80Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ948 ETC-AZ948 Datasheet
48Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ9481 ZETTLER-AZ9481 Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ9481F AZETTLER-AZ9481F Datasheet
105Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com