Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6502 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FMS6502
Description  8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6502 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FMS6502 Datasheet HTML 3Page - Fairchild Semiconductor FMS6502 Datasheet HTML 4Page - Fairchild Semiconductor FMS6502 Datasheet HTML 5Page - Fairchild Semiconductor FMS6502 Datasheet HTML 6Page - Fairchild Semiconductor FMS6502 Datasheet HTML 7Page - Fairchild Semiconductor FMS6502 Datasheet HTML 8Page - Fairchild Semiconductor FMS6502 Datasheet HTML 9Page - Fairchild Semiconductor FMS6502 Datasheet HTML 10Page - Fairchild Semiconductor FMS6502 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6502 Rev. 1.0.0
7
I2C Interface
Figure 4.
Bit Transfer
Operation
The I2C-compatible interface conforms to the I2C specifi-
cation for Standard Mode. Individual addresses may be
written, but there is no read capability. The interface con-
sists of two lines: a serial data line (SDA) and a serial
clock line (SCL). Both lines must be connected to a posi-
tive supply through an external resistor. Data transfer
may be initiated only when the bus is not busy.
Bit Transfer
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during the
HIGH period of the clock pulse. Changes in the data line
during this time are interpreted as control signals.
Data line
stable;
data valid
SCL
SDA
Change
of data
allowed
Start and Stop conditions
Both data and clock lines remain HIGH when the bus is
not busy. A HIGH-to-LOW transition of the data line,
while the clock is HIGH, is defined as start condition (S).
A LOW-to-HIGH transition of the data line, while the
clock is HIGH, is defined as stop condition (P).
Figure 5. START and STOP conditions
SP
START condition
STOP condition
SCL
SDA


Similar Part No. - FMS6502

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
FMS6502MTC24 ONSEMI-FMS6502MTC24 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
FMS6502MTC24X ONSEMI-FMS6502MTC24X Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
More results

Similar Description - FMS6502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501_06 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501 Datasheet
166Kb / 16P
   12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501_07 Datasheet
311Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
Renesas Technology Corp
H838776 RENESAS-H838776 Datasheet
3Mb / 594P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
ON Semiconductor
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
   Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com