Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6502MTC24X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FMS6502MTC24X
Description  8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6502MTC24X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FMS6502MTC24X Datasheet HTML 5Page - Fairchild Semiconductor FMS6502MTC24X Datasheet HTML 6Page - Fairchild Semiconductor FMS6502MTC24X Datasheet HTML 7Page - Fairchild Semiconductor FMS6502MTC24X Datasheet HTML 8Page - Fairchild Semiconductor FMS6502MTC24X Datasheet HTML 9Page - Fairchild Semiconductor FMS6502MTC24X Datasheet HTML 10Page - Fairchild Semiconductor FMS6502MTC24X Datasheet HTML 11Page - Fairchild Semiconductor FMS6502MTC24X Datasheet HTML 12Page - Fairchild Semiconductor FMS6502MTC24X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6502 Rev. 1.0.0
10
Crosstalk
Crosstalk is an important consideration when using the
FMS6502. Input and output crosstalk represent the two
major coupling modes that may be present in a typical
application. Input crosstalk is crosstalk in the input pins
and switches when the interfering signal drives an open
switch. It is dominated by inductive coupling in the pack-
age lead frame between adjacent leads. It decreases
rapidly as the interfering signal moves further away from
the pin adjacent to the input signal selected. Output
crosstalk is coupling from one driven output to another
active output. It decreases with increasing load imped-
ance as it is caused mainly by ground and power cou-
pling between output amplifiers. If a signal is driving an
open switch, its crosstalk is mainly input crosstalk. If it is
driving a load through an active output, its crosstalk is
mainly output crosstalk.
Input and output crosstalk measurements are performed
with the test configuration shown in Figure 13.
Figure 13. Test Configuration for Crosstalk
For input crosstalk, the switch is open and all inputs are
in bias mode. Channel 1 input is driven with a 1Vpp sig-
nal, while all other inputs are AC terminated with 75
Ω. All
outputs are enabled and crosstalk is measured from IN1
to any output.
For output crosstalk, the switch is closed. Crosstalk from
OUT1 to any output is measured.
Crosstalk from multiple sources into a given channel is
measured with the setup shown in Figure 14. Input In1 is
driven with a 1Vpp pulse source and connected to out-
puts Out1 to Out8. Input In9 is driven with a secondary,
asynchronous gray field video signal and is connected to
Out9. All other inputs are AC terminated with 75
Ω.
Crosstalk effects on the gray field are measured and cal-
culated with respect to a standard 1Vpp output measured
at the load.
If not all inputs and outputs are needed, avoid using
adjacent channels to reduce crosstalk.
Figure 14. Test Configuration for Multi-Channel
Crosstalk
Bias
IN1
OUT1
Bias
IN8
OUT6
Gain = 6dB
Out1 = 2.0VPP
Input Crosstalk from IN1
to OUTx
Output Crosstalk from
OUT1 to OUTx
TERMINATION
IN2 - IN8 are
AC-Term to
Ground
w/75
IN1 = 1VPP
Open switch
for input
crosstalk.
Close switch
for output
crosstalk.
Bias
IN1
OUT1
Bias
IN8
OUT6
TERMINATION
Bias
IN6
IN1 driven with
SD video 1V
PP.
IN6 driven with
asynchronous
SD video 1V
PP.
IN2,3,4,5,7,8 are
AC-term to GND
with 75 .
Measure crosstalk from
channels 1-5 into
channel6


Similar Part No. - FMS6502MTC24X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6502MTC24X ONSEMI-FMS6502MTC24X Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
More results

Similar Description - FMS6502MTC24X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501_06 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501 Datasheet
166Kb / 16P
   12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501_07 Datasheet
311Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
Renesas Technology Corp
H838776 RENESAS-H838776 Datasheet
3Mb / 594P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
ON Semiconductor
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
   Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com