Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT05-2931-J1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CT05-2931-J1
Description  Series Molded Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CT05-2931-J1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CT05-2931-J1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CT05-2931-J1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
80
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
CT05 Series Molded Switch
CT05 Series
The CT05 is a molded dry reed switch. It is single-pole, single
throw (SPST) type, having normally open ruthenium contacts.
The sensor is a double-ended type and may be actuated with an
electromagnet, a permanent magnet or a combination of both.
The device is designed for SMD mounting and is available in Gull
Wing or J-lead configurations.
CT05 Series Features
Ideal for SMD pick and place
Tape and reel packaging
5W rating
Rugged encapsulation
Excellent lifetime and reliability
Example:
CT05-2550-G1 is
-- a CT05 sensor (5mm encapsulated switch)
-- with a sensitivity range from 25 to 50AT
-- lead ends are formed according the the G1 version
* CT05XXXX (0001-1999) without a suffix is a
customer special.
CT05-XXXX-G1
CT05-XXXX-J1
A complete part number is represented by the digits to the
right of the CT05 series prefix followed by a suffix as
shown below.
ORDERING INFORMATION
Applications:
Test Coil
The Magnetic sensitivity of the
CT05 sensors is defined in a special test coil.
Consult factory for details.
Proximity Sensor
Medical Applications
Hearing Aids
Pulse Counter
Dimensions in Inches (Millimeters)


Similar Part No. - CT05-2931-J1

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT05-200 ICE-CT05-200 Datasheet
401Kb / 1P
   Current Sense Transformer
CT05-200 ICE-CT05-200 Datasheet
401Kb / 1P
   Current Sense Transformer
logo
Allied Components Inter...
CT05-22NK-RC ALLIED-CT05-22NK-RC Datasheet
1Mb / 1P
   Ceramic Core Low Profile Chip Inductors
CT05-22NK-RC ALLIED-CT05-22NK-RC Datasheet
1Mb / 1P
   Ceramic Core Low Profile Chip Inductors
CT05-27NK-RC ALLIED-CT05-27NK-RC Datasheet
1Mb / 1P
   Ceramic Core Low Profile Chip Inductors
More results

Similar Description - CT05-2931-J1

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT05 COTO-CT05 Datasheet
513Kb / 2P
   CT05 SERIES MOLDED SWITCH
CT05-1530-G1 COTO-CT05-1530-G1 Datasheet
181Kb / 2P
   Molded Switch
CT10-103-G1 COTO-CT10-103-G1 Datasheet
198Kb / 2P
   Molded Switch
CT10-1532-G2 COTO-CT10-1532-G2_15 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
logo
Schneider Electric
PJF36000S10 SCHNEIDER-PJF36000S10 Datasheet
125Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 1000A
PJM36000S80 SCHNEIDER-PJM36000S80 Datasheet
143Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 800A
PJL36000S12SA SCHNEIDER-PJL36000S12SA Datasheet
131Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 1200A
PJL36000S80 SCHNEIDER-PJL36000S80 Datasheet
99Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 800A
JGL36000S25LU SCHNEIDER-JGL36000S25LU Datasheet
134Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 250A
JGM36000S25 SCHNEIDER-JGM36000S25 Datasheet
133Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 250A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com