Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1870 Datasheet(PDF) 1 Page - Rohm

Part # 2SA1870
Description  High-speed Switching Transistor (-60V, -12A)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1870 Datasheet(HTML) 1 Page - Rohm

  2SA1870 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(96-113-A325)
308
Transistors
2SA1870


Similar Part No. - 2SA1870

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1870 ROHM-2SA1870 Datasheet
65Kb / 2P
   High-voltage switching Transister
More results

Similar Description - 2SA1870

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2SA1952TLQ LITTELFUSE-2SA1952TLQ Datasheet
107Kb / 3P
   High-speed Switching Transistor (-60V, -5A)
logo
Rohm
2SC5103TLQ ROHM-2SC5103TLQ Datasheet
114Kb / 4P
   High speed switching transistor (60V, 5A)
2SA1952 ROHM-2SA1952 Datasheet
33Kb / 2P
   High-speed Switching Transistor (-60V, -5A)
2SA1952 ROHM-2SA1952_09 Datasheet
164Kb / 3P
   High-speed Switching Transistor (-60V, -5A)
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
   High speed switching transistor (60V, 5A)
2SC5103 ROHM-2SC5103_09 Datasheet
170Kb / 4P
   High speed switching transistor (60V, 5A)
logo
Sanyo Semicon Device
2SB903 SANYO-2SB903 Datasheet
105Kb / 3P
   30V/12A High-Speed Switching Applications
2SA1291 SANYO-2SA1291 Datasheet
101Kb / 3P
   60V/10A High-Speed Switching Applications
logo
Rohm
2SA2006 ROHM-2SA2006 Datasheet
57Kb / 1P
   For high speed switching (−60V, −5A)
logo
Sanyo Semicon Device
2SA1471 SANYO-2SA1471 Datasheet
102Kb / 4P
   60V/10A High-Speed Switching Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com