Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3140U Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3140U
Description  HALL-EFFECT SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3140U Datasheet(HTML) 4 Page - Allegro MicroSystems

  3140U Datasheet HTML 1Page - Allegro MicroSystems 3140U Datasheet HTML 2Page - Allegro MicroSystems 3140U Datasheet HTML 3Page - Allegro MicroSystems 3140U Datasheet HTML 4Page - Allegro MicroSystems 3140U Datasheet HTML 5Page - Allegro MicroSystems 3140U Datasheet HTML 6Page - Allegro MicroSystems 3140U Datasheet HTML 7Page - Allegro MicroSystems 3140U Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image


Similar Part No. - 3140U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3140 ETC1-3140 Datasheet
100Kb / 4P
   POTENTIOMETERS INDUCTORS, SMDs SWITCHES, NETWORKS ENCODERS POWER COMPONENTS
3140 ETC2-3140 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
3140 ETC2-3140 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3140 HEYCO-3140 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
logo
Kendall Howard
3140-3-001-01 KENDALLHOWARD-3140-3-001-01 Datasheet
76Kb / 1P
   LINIER CART ASSEMBLY
More results

Similar Description - 3140U

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL525 MICRONAS-HAL525 Datasheet
1Mb / 24P
   Hall-Effect Switches
logo
Allegro MicroSystems
A3211 ALLEGRO-A3211_16 Datasheet
595Kb / 13P
   Micropower, Ultrasensitive Hall-Effect Switches
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
3132 ALLEGRO-3132 Datasheet
163Kb / 8P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com