Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SX672A Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # EE-SX672A
Description  Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX672A Datasheet(HTML) 7 Page - Omron Electronics LLC

  EE-SX672A Datasheet HTML 1Page - Omron Electronics LLC EE-SX672A Datasheet HTML 2Page - Omron Electronics LLC EE-SX672A Datasheet HTML 3Page - Omron Electronics LLC EE-SX672A Datasheet HTML 4Page - Omron Electronics LLC EE-SX672A Datasheet HTML 5Page - Omron Electronics LLC EE-SX672A Datasheet HTML 6Page - Omron Electronics LLC EE-SX672A Datasheet HTML 7Page - Omron Electronics LLC EE-SX672A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EE-SX670/671/672/673/674A/R
EE-SX670/671/672/673/674A/R
 EE-1001 CONNECTOR
 EE-SX67A/R WITH EE-1001
CONNECTOR
2.54
±0.15
2.9
±1
13.0
(0.51)
6.0
(0.24)
0.6
(0.02)
10.8
(0.43)
4.0
(0.16)
10.8
(0.43)
22.2
(0.87)
6.0
(0.24)
 EE-1006 CONNECTOR WITH CABLE
(1)
(2)
(3)
(4)
Note: Older standard colors are shown in
parentheses. Connector comes with a
2-m attached cable.
Terminal Arrangement -- IEC Colors
(1)
(2)
(3)
(4)
Brown (Red)
Pink (Yellow)
Black (White)
Blue (Black)
L
OUT
VCC
OUTPUT
L
GND (0 V)
2.54
(0.10)
0.6
(0.02)
11.8
(0.46)
25
(0.98)
2,000
(78.74)
20
(0.79)
16.2
(0.64)
5.3
(0.21)
15
(0.59)
 EE-1006A CONNECTOR HOLDER
(R1)
Four, R2
Four,
R1.6
R3
21.9
(0.86)
25.2
(0.99)
1.2
(0.05)
5.5
(0.22)
2
(0.08)
15
(0.59)
19.4
(0.76)
10.2
(0.40)
3
(0.12)
2.1(0.08)
3.6
(0.14)
3.4
(0.13)
3.2
(0.13)
12
(0.47)
19
(0.75)


Similar Part No. - EE-SX672A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX672A OMRON-EE-SX672A Datasheet
470Kb / 9P
   Slot-type Photomicrosensor (Non-modulated)
EE-SX672A OMRON-EE-SX672A Datasheet
1Mb / 13P
   Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
More results

Similar Description - EE-SX672A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S86R MACOM-S86R Datasheet
114Kb / 2P
   Variety of mounting styles
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
   Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
logo
PHOENIX CONTACT
2202096 PHOENIX-2202096 Datasheet
52Kb / 2P
   Variety of connection technologies
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
Bourns Electronic Solut...
91A1A-B28-B15L BOURNS-91A1A-B28-B15L Datasheet
315Kb / 5P
   Available in a variety of pin-out confi gurations
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
TE Connectivity Ltd
M5600 TEC-M5600 Datasheet
135Kb / 4P
   CE Compliant with a Variety of Pressure Ports
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com