Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SX672R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-SX672R
Description  Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX672R Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-SX672R Datasheet HTML 1Page - Omron Electronics LLC EE-SX672R Datasheet HTML 2Page - Omron Electronics LLC EE-SX672R Datasheet HTML 3Page - Omron Electronics LLC EE-SX672R Datasheet HTML 4Page - Omron Electronics LLC EE-SX672R Datasheet HTML 5Page - Omron Electronics LLC EE-SX672R Datasheet HTML 6Page - Omron Electronics LLC EE-SX672R Datasheet HTML 7Page - Omron Electronics LLC EE-SX672R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

EE-SX670/671/672/673/674A/R
Photomicrosensor with Dark-ON
Indicator in Variety of Mounting
Styles
 New PNP models are now available
 Light-ON operation possible (by
short-circuiting the terminals)
 Response frequency as high as 1 kHz
 Wide operating voltage range (5 to
24 VDC) makes smooth connection
possible with TTLs, relays, and
programmable controllers (PLCs)
 Compact photomicrosensor with a
built-in amplifier and special IC makes it
possible to directly switch up to
100 mA (NPN versions)
 Circuit integrated into molded housing
made of a tough, fiberglass-reinforced
PBT resin
Ordering Information
Appearance
Sensing method
Slot width
Slot depth
Output configuration
Weight
Part number
Standard
Transmissive
5mm
9mm
Light-ON/Dark-ON*
Approx.
3.1 g
EE-SX670A
EE-SX670R
L-shaped
Approx.
3.0 g
EE-SX671A
EE-SX671R
T-shaped
Approx.
2.4 g
EE-SX672A
EE-SX672R
*These models can be used as Light-ON when the L terminal and positive (+) terminal are connected to each other. To use them as Dark-
ON, do not connect these terminals to each other. Connector EE-1001 can be used for Light-ON operation.
(This table continues on the next page.)


Similar Part No. - EE-SX672R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX672R OMRON-EE-SX672R Datasheet
470Kb / 9P
   Slot-type Photomicrosensor (Non-modulated)
EE-SX672R OMRON-EE-SX672R Datasheet
1Mb / 12P
   Global Standard Slot-type photomicrosensors with 50- to 100-mA direct switching capacity.
More results

Similar Description - EE-SX672R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S86R MACOM-S86R Datasheet
114Kb / 2P
   Variety of mounting styles
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
   Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
logo
PHOENIX CONTACT
2202096 PHOENIX-2202096 Datasheet
52Kb / 2P
   Variety of connection technologies
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
Bourns Electronic Solut...
91A1A-B28-B15L BOURNS-91A1A-B28-B15L Datasheet
315Kb / 5P
   Available in a variety of pin-out confi gurations
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
TE Connectivity Ltd
M5600 TEC-M5600 Datasheet
135Kb / 4P
   CE Compliant with a Variety of Pressure Ports
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com