Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS57P2304 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KS57P2304
Description  MICROCONTROLLER
Download  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57P2304 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KS57P2304 Datasheet HTML 2Page - Samsung semiconductor KS57P2304 Datasheet HTML 3Page - Samsung semiconductor KS57P2304 Datasheet HTML 4Page - Samsung semiconductor KS57P2304 Datasheet HTML 5Page - Samsung semiconductor KS57P2304 Datasheet HTML 6Page - Samsung semiconductor KS57P2304 Datasheet HTML 7Page - Samsung semiconductor KS57P2304 Datasheet HTML 8Page - Samsung semiconductor KS57P2304 Datasheet HTML 9Page - Samsung semiconductor KS57P2304 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 295 page
background image
PRODUCT OVERVIEW
KS57C2302/C2304/P2304 MICROCONTROLLER
1-
6
Table 1-1. KS57P2304 Pin Descriptions (Continued)
Pin Name
Pin
Type
Description
Number
Share
Pin
Reset
Value
Circuit
Type
LCDSY
I/O
LCD synchronization clock output for
LCD display expansion
26
P3.1
Input
D
TCL0
I
External clock input for timer/counter 0
20
P1.3
Input
A-4
TCLO0
I/O
Timer/counter 0 clock output
21
P2.0
Input
D
INT0
INT1
I
External interrupt. The triggering edge
for INT0 and INT1 is selectable. Only
INT0 is synchronized with the system
clock.
17
18
P1.0
P1.1
Input
A-4
INT2
I
Quasi-interrupt with detection of rising
edge signals.
19
P1.2
Input
A-4
KS0–KS3
I/O
Quasi-interrupt input with falling edge
detection.
29–32
P6.0–P6.3
Input
D
CLO
I/O
CPU clock output
23
P2.2
Input
D
BUZ
I/O
2, 4, 8 or 16 kHz frequency output for
buzzer sound with 4.19 MHz main
system clock or 32.768 kHz subsystem
clock.
24
P2.3
Input
D
X
IN, XOUT
Crystal, ceramic or RC oscillator pins for
main system clock. (For external clock
input, use X
IN and input XIN’s reverse
phase to X
OUT)
12,11
XT
IN, XTOUT
Crystal oscillator pins for subsystem
clock. (For external clock input, use XT
IN
and input XT
IN’s reverse phase to
XT
OUT)
14,15
V
DD
Main power supply
9
V
SS
Ground
10
RESET
Reset signal
16
Input
B
TEST
Test signal input (must be connected to
V
SS)
13
NOTE: Pull-up resistors for all I/O ports automatically disabled if they are configured to output mode.


Similar Part No. - KS57P2304

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57P2316 SAMSUNG-KS57P2316 Datasheet
49Kb / 4P
   BONDING DIAGRAM
More results

Similar Description - KS57P2304

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com