Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4C89323AF-GCF5 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4C89323AF-GCF5
Description  2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4C89323AF-GCF5 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4C89323AF-GCF5 Datasheet HTML 5Page - Samsung semiconductor K4C89323AF-GCF5 Datasheet HTML 6Page - Samsung semiconductor K4C89323AF-GCF5 Datasheet HTML 7Page - Samsung semiconductor K4C89323AF-GCF5 Datasheet HTML 8Page - Samsung semiconductor K4C89323AF-GCF5 Datasheet HTML 9Page - Samsung semiconductor K4C89323AF-GCF5 Datasheet HTML 10Page - Samsung semiconductor K4C89323AF-GCF5 Datasheet HTML 11Page - Samsung semiconductor K4C89323AF-GCF5 Datasheet HTML 12Page - Samsung semiconductor K4C89323AF-GCF5 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
K4C89363AF
REV. 0.0 Nov. 2002
- 9 -
AC Characteristics and Operating Conditions (Notes : 1, 2)
Symbol
Parameter
F6
FB
F5
Units
Notes
Min
Max
Min
Max
Min
Max
t RC
Random Cycle Time
20.0
-
22.5
-
25
-
ns
3
t CK
Clock Cycle Time
C
L = 4
4.0
7.5
4.5
7.5
5.0
7.5
3
C
L
= 5
3.33
7.5
3.75
7.5
4.5
7.5
3
C
L = 6
3.0
7.5
3.33
7.5
4.0
7.5
3
t RAC
Random Access Time
-
20.0
-
22.5
-
25
3
t CH
Clock High Time
0.45*t
CK
-
0.45*t
CK
-
0.45*t
CK
-
3
t CL
Clock Low Time
0.45*t
CK
-
0.45*t
CK
-
0.45*t
CK
-
3
t CKQS
QS Access Time from CLK
-0.45
0.45
-0.45
0.45
-0.5
0.5
3, 8
t QSQ
Data Output Skew from QS
-
0.2
-
0.25
-
0.3
4
t AC
Data Access Time from CLK
-0.5
0.5
-0.5
0.5
-0.6
0.6
3, 8
t OH
Data Output Hold Time from CLK
-0.5
0.5
-0.5
0.5
-0.6
0.6
3, 8
t HP
CLK half period ( minium of Actual t
CH , t CL )
min(t
CH , t CL )
-
min(t
CH , tCL )
-
min(t
CH , t CL )
-
3
t QSP
QS(Read) Pulse Width
t HP-t QHS
-
t HP-tQHS
-
t HP-t QHS
-
4, 8
t QSQV
Data Output Valid Time from QS
t HP-t QHS
-
t HP-tQHS
-
t HP-t QHS
-
4, 8
t QHS
DQ, QS Hold skew factor
-
0.055x
t CK+0.17
-
0.055x
tCK+0.17
-
0.055x
t CK+0.17
t DQSS
DS(Write) Low to High Setup Time
0.8*t
CK
1.2*t
CK
0.8*t
CK
1.2*t
CK
0.8*t
CK
1.2*t
CK
3
t DSPRE
DS(Write) Preamble Pulse Width
0.4*t
CK
-
0.4*t
CK
-
0.4*t
CK
-
4
t DSPRES
DS First Input Setup Time
0
-
0
-
0
-
3
t DSPREH
DS First Low Input Hold Time
0.3*t
CK
-
0.3*t
CK
-
0.3*t
CK
-
3
t DSP
DS High or Low Input Pulse Width
0.45*t
CK
0.55*t
CK
0.45*t
CK
0.55*t
CK
0.45*t
CK
0.55*t
CK
4
t DSS
DS Input Falling Edge to Clock Setup Time
C
L
= 4
0.9
-
0.9
-
1.0
-
3, 4
C
L = 5
0.9
-
0.9
-
1.0
-
3, 4
C
L = 6
0.9
-
0.9
-
1.0
-
3, 4
t DSPST
DS(Write) Postamble Pulse Width
0.45*t
CK
-
0.45*t
CK
0.45*t
CK
-
4
t DSPSTH
DS(Write) Postamble Hold Time
C
L
= 4
0.9
-
0.9
-
1.0
-
3, 4
C
L = 5
0.9
-
0.9
-
1.0
-
3, 4
C
L = 6
0.9
-
0.9
-
1.0
3, 4
t DS
Data Input Setup Time from DS
0.3
-
0.35
-
0.4
-
4
t DH
Data Input Hold Time from DS
0.3
-
0.35
-
0.4
-
4
t IS
Command / Address Input Setup Time
0.6
-
0.6
-
0.7
-
3
t IH
Command / Address Input Hold Time
0.6
-
0.6
-
0.7
-
3


Similar Part No. - K4C89323AF-GCF5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4C89083AF-ACF5 SAMSUNG-K4C89083AF-ACF5 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-ACF6 SAMSUNG-K4C89083AF-ACF6 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-ACFB SAMSUNG-K4C89083AF-ACFB Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-AIF5 SAMSUNG-K4C89083AF-AIF5 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-AIF6 SAMSUNG-K4C89083AF-AIF6 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
More results

Similar Description - K4C89323AF-GCF5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
K4D261638E SAMSUNG-K4D261638E Datasheet
215Kb / 16P
   2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
logo
Elite Semiconductor Mem...
M13S64322A ESMT-M13S64322A Datasheet
824Kb / 49P
   512K x 32 Bit x 4 Banks Double Data Rate Synchronous DRAM
logo
Toshiba Semiconductor
TC59LM814CFT TOSHIBA-TC59LM814CFT Datasheet
2Mb / 38P
   4,194,304 / 8,388,608-WORDS x 4 BANKS x 16 / 8-BITS Network FCRAM
logo
Sanyo Semicon Device
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
logo
White Electronic Design...
EDI416S4030A WEDC-EDI416S4030A Datasheet
1Mb / 27P
   1Mx16 Bits x 4 Banks Synchronous DRAM
WED416S16030A WEDC-WED416S16030A Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
WED48S8030E WEDC-WED48S8030E Datasheet
1Mb / 26P
   2M x 8 Bits x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com