Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2579L Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2579L
Description  RDS Demodulator IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2579L Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2579L Datasheet HTML 1Page - Princeton Technology Corp PT2579L Datasheet HTML 2Page - Princeton Technology Corp PT2579L Datasheet HTML 3Page - Princeton Technology Corp PT2579L Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2579 v1.3
- 4 -
April. 2004
RDS Demodulator IC
PT2579
ORDERING INFORMATION
Order Part Number
Package
Top Code
PT2579
16 pins, DI Package, 300mil
PT2579
PT2579-S
16 pins, SO Package, 300mil
PT2579-S
PT2579-SN
16 pins, SO Package, 150mil
PT2579-SN
PT2579 (L)
16 pins, DI Package, 300mil
PT2579
PT2579-S (L)
16 pins, SO Package, 300mil
PT2579-S
PT2579-SN (L)
16 pins, SO Package, 150mil
PT2579-SN
Notes:
1. (L) = Lead Free
2. The Lead Free mark is put in front of the date code.


Similar Part No. - PT2579L

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2579 PTC-PT2579 Datasheet
477Kb / 21P
   RDS Demodulator IC
PT2579-S PTC-PT2579-S Datasheet
477Kb / 21P
   RDS Demodulator IC
PT2579-SN PTC-PT2579-SN Datasheet
477Kb / 21P
   RDS Demodulator IC
PT2579-X PTC-PT2579-X Datasheet
477Kb / 21P
   RDS Demodulator IC
PT2579 PTC-PT2579_10 Datasheet
477Kb / 21P
   RDS Demodulator IC
More results

Similar Description - PT2579L

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2579 PTC-PT2579_10 Datasheet
477Kb / 21P
   RDS Demodulator IC
logo
Samsung semiconductor
S1A0905 SAMSUNG-S1A0905 Datasheet
54Kb / 6P
   RDS DEMODULATOR IC
logo
NEC
UPC2539 NEC-UPC2539 Datasheet
65Kb / 8P
   RDS DATA DEMODULATOR IC
logo
Sanyo Semicon Device
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
   RDS Demodulator
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
   RDS Demodulator
LA2231 SANYO-LA2231 Datasheet
259Kb / 6P
   RDS Signal Demodulator
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
logo
STMicroelectronics
TDA7478 STMICROELECTRONICS-TDA7478_11 Datasheet
151Kb / 11P
   Single chip RDS demodulator
TDA7478 STMICROELECTRONICS-TDA7478 Datasheet
168Kb / 8P
   SINGLE CHIP RDS DEMODULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com