Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE56632-30D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE56632-30D
Description  Active-LOW system reset with adjustable delay time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE56632-30D Datasheet(HTML) 3 Page - NXP Semiconductors

  NE56632-30D Datasheet HTML 1Page - NXP Semiconductors NE56632-30D Datasheet HTML 2Page - NXP Semiconductors NE56632-30D Datasheet HTML 3Page - NXP Semiconductors NE56632-30D Datasheet HTML 4Page - NXP Semiconductors NE56632-30D Datasheet HTML 5Page - NXP Semiconductors NE56632-30D Datasheet HTML 6Page - NXP Semiconductors NE56632-30D Datasheet HTML 7Page - NXP Semiconductors NE56632-30D Datasheet HTML 8Page - NXP Semiconductors NE56632-30D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product data
NE56632-XX
Active-LOW system reset with adjustable delay time
2002 Mar 25
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TEMPERATURE
TYPE NUMBER
NAME
DESCRIPTION
RANGE
NE56632-XXD
SOT23-5 / SOT25 (SO5)
plastic small outline package; 5 leads (see dimensional drawing)
–20 to +75
°C
NOTE:
The device has 12 voltage output options, indicated by the XX on
the ‘Type number’.
XX
VOLTAGE (Typical)
19
1.9 V
20
2.0 V
27
2.7 V
28
2.8 V
29
2.9 V
30
3.0 V
31
3.1 V
42
4.2 V
43
4.3 V
44
4.4 V
45
4.5 V
46
4.6 V
Part number marking
The package is marked with a four letter code. The first three letters
designate the product. The fourth letter, represented by ‘x’, is a date
tracking code.
Part Number
Marking
NE56632-19D
AKZx
NE56632-20D
ALAx
NE56632-27D
ALBx
NE56632-28D
ALCx
NE56632-29D
ALDx
NE56632-30D
ALEx
NE56632-31D
ALFx
NE56632-42D
ALGx
NE56632-43D
ALHx
NE56632-44D
ALJx
NE56632-45D
ALKx
NE56632-46D
ALLx
PIN CONFIGURATION
SL01604
1
2
34
5VCC
VOUT
GND
SUB
TC
NE56632-XX
Figure 2. Pin configuration.
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
TC
Delay time control; set with external
capacitor.
2
SUB
Substrate. Connect to ground (GND).
3
GND
Ground. Negative supply.
4
VOUT
Reset output voltage. Active-LOW.
5
VCC
Positive supply voltage; detection threshold
voltage input.
MAXIMUM RATINGS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
Supply voltage
–0.3
+10
V
Tamb
Ambient operating temperature
–20
+75
°C
Tstg
Storage temperature
–40
+125
°C
P
Power dissipation
150
mW


Similar Part No. - NE56632-30D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE56631-19 PHILIPS-NE56631-19 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-19D PHILIPS-NE56631-19D Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-20 PHILIPS-NE56631-20 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-20D PHILIPS-NE56631-20D Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-27 PHILIPS-NE56631-27 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
More results

Similar Description - NE56632-30D

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
   System Reset with Delay Time Circuit
logo
Fitipower Integrated Te...
FP6801 FITIPOWER-FP6801 Datasheet
499Kb / 9P
   Microprocessor Reset Circuits With Adjustable Delay Time
logo
Mitsumi Electronics, Co...
IC-PST83XX MITSUMI-IC-PST83XX Datasheet
195Kb / 20P
   CMOS System Reset IC with Delay Time Circuit
logo
NXP Semiconductors
NE56631-XX PHILIPS-NE56631-XX Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
logo
Texas Instruments
TLV840 TI-TLV840_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V04 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Texas Instruments
TLV840 TI-TLV840_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com