Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP106YZCT Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP106YZCT
Description  Digital Temperature Sensor with Two-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP106YZCT Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button TMP106YZCT Datasheet HTML 7Page - Burr-Brown (TI) TMP106YZCT Datasheet HTML 8Page - Burr-Brown (TI) TMP106YZCT Datasheet HTML 9Page - Burr-Brown (TI) TMP106YZCT Datasheet HTML 10Page - Burr-Brown (TI) TMP106YZCT Datasheet HTML 11Page - Burr-Brown (TI) TMP106YZCT Datasheet HTML 12Page - Burr-Brown (TI) TMP106YZCT Datasheet HTML 13Page - Burr-Brown (TI) TMP106YZCT Datasheet HTML 14Page - Burr-Brown (TI) TMP106YZCT Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TMP106
SLLS672A − OCTOBER 2005 − REVISED JANUARY 2006
www.ti.com
11
Frame1Two−WireSlave Address Byte
Frame 2 Pointer Register Byte
Frame 4 Data Byte 2
1
Start By
Master
ACK By
TMP106
ACK By
TMP106
ACK By
TMP106
Stop By
Master
19
1
1
D7
D6
D5
D4
D3
D2
D1
D0
9
Frame3DataByte1
ACK By
TMP106
1
D7
SDA
(Continued)
SCL
(Continued)
D6
D5
D4
D3
D2
D1
D0
9
9
SDA
SCL
0
0
1
0
0
A0
R/W
0
0
0
0
0
0
P1
P0
Figure 5. Two-Wire Timing Diagram for TMP106 Write Word Format
Frame 1 Two−Wire Slave Address Byte
Frame 2 Pointer Register Byte
1
Start By
Master
ACK By
TMP106
ACK By
TMP106
Frame3Two−WireSlave Address Byte
Frame 4Data Byte1ReadRegister
Start By
Master
ACK By
TMP106
ACK By
Master
From
TMP106
19
1
9
19
1
9
SDA
SCL
0
0
R/W
0
00
00
0
P1
P0
SDA
(Continued)
SCL
(Continued)
SDA
(Continued)
SCL
(Continued)
1
001
00
A0
00
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Frame 5 Data Byte2ReadRegister
Stop By
Master
ACK By
Master
From
TMP106
19
D7
D6
D5
D4
D3
D2
D1
D0
Figure 6. Two-Wire Timing Diagram for Read Word Format


Similar Part No. - TMP106YZCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP100 TI-TMP100 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results

Similar Description - TMP106YZCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com