Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-8601S Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # IRM-8601S
Description  Infrared Remote-control Receiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-8601S Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  IRM-8601S Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DMO-860-014
REV :
1.1
ECN :
PAGE :
3/8
Infrared Remote-control Receiver Module
MODEL NO :
IRM-8601S
Absolute Maximum Ratings at TA = 25℃
Parameter
Symbol
Rating
Unit
Notice
Supply Voltage
Vcc
0~6
V
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
Tsol
260
4mm from mold body
less than 5 seconds
Electronic Optical Characteristics :
TA = 25℃
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Condition
Supply Voltage
Vcc
4.5
5
5.5
V
DC voltage
Supply Current
Icc
---
---
3
mA
No signal input
B.P.F Center Frequency
Fo
---
38
---
KHz
Peak Wavelength
λ
p
---
940
---
nm
8
---
---
Reception Distance
D
4
---
---
m
At the ray axis
*1
Half Angle(Horizontal)
Θ
h
---
45
---
deg
Half Angle(Vertical)
Θ
v
---
35
---
deg
High Level Pulse Width
T
H
400
---
800
μs
Low Level Pulse Width
T
L
400
---
800
μs
At the ray axis
*2
High Level Output
Voltage
V
H
4.5
---
---
V
Low Level Output
Voltage
V
L
---
0.2
0.5
V


Similar Part No. - IRM-8601S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8601S EVERLIGHT-IRM-8601S Datasheet
252Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-1 EVERLIGHT-IRM-8601S-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-2 EVERLIGHT-IRM-8601S-2 Datasheet
252Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-5 EVERLIGHT-IRM-8601S-5 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-P EVERLIGHT-IRM-8601S-P Datasheet
233Kb / 9P
   Infrared Remote-Control Receiver Module
More results

Similar Description - IRM-8601S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com