Selected language     English  ā–¼


K6E1004C1B Datasheet(PDF) 1 Page - Samsung semiconductor

Part No. K6E1004C1B
Description  256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

   
 1 page
background image
K6E1004C1B-C/B-L
CMOS SRAM
PRELIMINARY
Rev. 3.0
- 1 -
July 1998
Document Title
256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev.No.
Rev. 0.0
Rev.1.0
Rev. 2.0
Rev.3.0
Remark
Design Target
Preliminary
Final
Final
History
Initial release with Design Target.
Release to Preliminary Data Sheet.
1.1. Replace Design Target to Preliminary.
Release to Final Data Sheet.
2.1. Delete Preliminary.
2.2. Delete 17ns, L-version and Industrial Temperature Part.
2.3. Delete VOH1=3.95V.
2.4. Delete Data Retention Characteristics and Wave form.
2.5. Relex operating current.
3.1. Add Low power Version.
3.2. Add Data Retention chcracteristics.
Speed
Previous
Now
15ns
120mA
120mA
17ns
110mA
-
20ns
100mA
118mA
Draft Data
Feb. 1st 1997
Jun. 1st 1997
Feb. 6th 1998
Jul. 28th 1998




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LMH6321300 mA High Speed Buffer with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
ADA4850-1High Speed Rail-to-Rail Output Op Amp with Ultralow Power-Down 1 2 3 4 5 MoreAnalog Devices
NJL6201R-1HIGH SPEED PIN PHOTO DIODE 1 2 3 4 5 MoreNew Japan Radio
HM6208H65 536-word Ā“ 4-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM628128LP131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
AD8143High Speed Triple Differential Receiver with Comparators 1 2 3 4 5 MoreAnalog Devices
MP8830Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References 1 2 3 4 5 MoreExar Corporation
AD8145High Speed Triple Differential Receiver with Comparators 1 2 3 4 5 MoreAnalog Devices
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
MC100EP16VB3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl