Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1004C1A-J20 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6R1004C1A-J20
Description  256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1004C1A-J20 Datasheet(HTML) 5 Page - Samsung semiconductor

  K6R1004C1A-J20 Datasheet HTML 1Page - Samsung semiconductor K6R1004C1A-J20 Datasheet HTML 2Page - Samsung semiconductor K6R1004C1A-J20 Datasheet HTML 3Page - Samsung semiconductor K6R1004C1A-J20 Datasheet HTML 4Page - Samsung semiconductor K6R1004C1A-J20 Datasheet HTML 5Page - Samsung semiconductor K6R1004C1A-J20 Datasheet HTML 6Page - Samsung semiconductor K6R1004C1A-J20 Datasheet HTML 7Page - Samsung semiconductor K6R1004C1A-J20 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
K6R1004C1A-C
CMOS SRAM
PRELIMINARY
Rev 4.0
- 5 -
February 1998
Address
Data Out
Previous Valid Data
Valid Data
TIMMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tAA
tRC
tOH
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
CS
Address
OE
Data out
tAA
tOLZ
tLZ(4,5)
tOH
tOHZ
tRC
tOE
tCO
tPU
tPD
tHZ(3,4,5)
50%
50%
VCC
Current
ICC
ISB
Valid Data
WRITE CYCLE
Parameter
Symbol
K6R1004C1A-12
K6R1004C1A-15
K6R1004C1A-20
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
12
-
15
-
20
-
ns
Chip Select to End of Write
tCW
8
-
10
-
12
-
ns
Address Setup Time
tAS
0
-
0
-
0
-
ns
Address Valid to End of Write
tAW
8
-
10
-
12
-
ns
Write Pulse Width(OE High)
tWP
8
-
10
-
12
-
ns
Write Pulse Width(OE Low)
tWP1
12
-
15
-
20
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
6
0
7
0
9
ns
Data to Write Time Overlap
tDW
6
-
7
-
9
-
ns
Data Hold from Write Time
tDH
0
-
0
-
0
-
ns
End Write to Output Low-Z
tOW
3
-
3
-
3
-
ns


Similar Part No. - K6R1004C1A-J20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6R1004C1B-10 SAMSUNG-K6R1004C1B-10 Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6R1004C1B-12 SAMSUNG-K6R1004C1B-12 Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6R1004C1B-8 SAMSUNG-K6R1004C1B-8 Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6R1004C1B-C10 SAMSUNG-K6R1004C1B-C10 Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
More results

Similar Description - K6R1004C1A-J20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM6161002A SAMSUNG-KM6161002A Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002B SAMSUNG-KM6161002B Datasheet
197Kb / 9P
   64Kx16 Bit High Speed Static RAM(5.0V Operating), Revolutionary Pin out.
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com