Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMB2313T Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # PMB2313T
Description  Prescaler Circuit 1.1 GHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PMB2313T Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  PMB2313T Datasheet HTML 1Page - Siemens Semiconductor Group PMB2313T Datasheet HTML 2Page - Siemens Semiconductor Group PMB2313T Datasheet HTML 3Page - Siemens Semiconductor Group PMB2313T Datasheet HTML 4Page - Siemens Semiconductor Group PMB2313T Datasheet HTML 5Page - Siemens Semiconductor Group PMB2313T Datasheet HTML 6Page - Siemens Semiconductor Group PMB2313T Datasheet HTML 7Page - Siemens Semiconductor Group PMB2313T Datasheet HTML 8Page - Siemens Semiconductor Group PMB2313T Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
30%7
Semiconductor Group
4
7.96
&LUFXLW 'HVFULSWLRQ
The differential inputs of the IC may be connected either balanced or single ended. In the latter case
the unused input must be RF-grounded with a capacitor (about 1.5 nF) with a low serial inductance.
Depending on the logic level at SW input the basic divide ratio of the ECL-stages is fixed to 1:64/65
or 1:128/129. The MOD input determines whether modulus 1:n or 1:n+1 (n=64 or 128 according to
SW-level) is active.
The IC can be switched to a low-power standby mode (input STB).
The MOD input is TTL/CMOS compatible.
The emitter follower output is CMOS compatible according to the application circuit on page 11. The
minimum logic swing is 0.8 Vpp.
)XQFWLRQ WDEOH
,QSXW SLQ
/RJLF OHYHO
3UHVFDOHU IXQFWLRQ
6:
HIGH = US-0.1 V to US
LOW = GND to 0.8 V or open
1:64/65
1:128/129
02'
HIGH = 2.0 V to US or open
LOW = GND to 0.8 V
1:64/1:128
1:65/1:129
67%
HIGH = US-0.1 V to US
LOW = GND to 0.8 V
Divider
Q=HIGH, STANDBY-mode


Similar Part No. - PMB2313T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2313T INFINEON-PMB2313T Datasheet
685Kb / 20P
   Prescaler Circuit 1.1 GHz
V 1.2, December 2003
More results

Similar Description - PMB2313T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2313T INFINEON-PMB2313T Datasheet
685Kb / 20P
   Prescaler Circuit 1.1 GHz
V 1.2, December 2003
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
TEMIC Semiconductors
U816BS-SP TEMIC-U816BS-SP Datasheet
69Kb / 5P
   1.1-GHz Prescaler for TV Tuners
logo
ON Semiconductor
MC12080 ONSEMI-MC12080 Datasheet
42Kb / 4P
   1.1 GHz Prescaler High Frequency Input Signal
February, 2002 ??Rev. 5
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com