Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7618 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7618
Description  Constant Current LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7618 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7618 Datasheet HTML 1Page - Sipex Corporation SP7618 Datasheet HTML 2Page - Sipex Corporation SP7618 Datasheet HTML 3Page - Sipex Corporation SP7618 Datasheet HTML 4Page - Sipex Corporation SP7618 Datasheet HTML 5Page - Sipex Corporation SP7618 Datasheet HTML 6Page - Sipex Corporation SP7618 Datasheet HTML 7Page - Sipex Corporation SP7618 Datasheet HTML 8Page - Sipex Corporation SP7618 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date: Dec 5-06 Rev E
Constant Current LED Driver
© 2006 Sipex Corporation
Supply Voltage (Vcc) .………………………..6.0V
Input Voltage at any input .….-0.6V to Vcc +0.5V
8-pin DFN Package
Thermal Resistance................................ 590C/W
Junction Temperature .......... -40 0C to +70 0C*
Storage Temperature ..………...-65°C to +50°C
Soldering Temperature ...………………+240°C**
*) Internally limited
**) Duration 0s maximum
Ambient temperature Ta = 25°C, 3.0V < Vcc < 5.5V, .0V < VLED < 3.0V, 00mA < ILED <033A.
Bold denotes
specifications which apply over the full operating temperature range, -40°C to +85°C.
PARAMETER
MIN
TYP
MAX
UNITS CONDITIONS
Vcc Voltage Operating Range 
2.5
5.5
V
Quiescent Current
350
420
µ
A
Iled = 35mA
Supply
Current
Shutdown Mode

µ
A
EN = GND, CTRL = DC
Sleep Mode
350
EN = Vcc, CTRL = GND
After Time Duration 2
350
EN = Vcc, CTRL = DC
LED
Output
Current
after
0 pulses on CTRL3
25
nA
Vled = .0V, Vcc = 5.5V
 pulse on CTRL4
35
mA
3 pulses on CTRL4
02
3 pulses on CTRL
033
LED Current Accuracy 5
-8
8
%
35mA < Iled < 033 mA
LED Current Line Regulation 6
0.
0.5
%/V
3.0 < Vcc < 5.5V,Vled =V
LED Current Load Regulation 7
.5
6
%
 < Vled < 2.5V, Vcc =
5.5V
LED Current Thermal Regulation
0.0
%/°C
Iled = 00 mA
VLED Dropout Voltage 8
50
00
mV
Iled = 00mA @ 25°C
90
85
Iled = 700mA @ 25°C
00
20
Iled = 033mA @ 25°C
Thermal Shutdown Die Tempera-
ture
60
°C
Iled = 35mA
Thermal Shutdown Hysteresis
25
°C
Setup Time after last count 9
50
µ
s
CTRL input Data Rate
4
MHz
Wake-up Time from Shutdown
50
µ
s
EN = LOW to HIGH,
CTRL = DC
Turn-off Time into Shutdown
30
µ
s
EN = HIGH to LOW,
CTRL = DC
Turn-off Time into Sleep Mode
25
450
µ
s
EN = HIGH, CTRL =
HIGH to LOW
Time Duration before Sleep Mode
2
4
7
s
Iled > 266 mA, EN =
HIGH, CTRL = HIGH
EN and CTRL pin
Logic Voltage
LOW
0.4
V
Driver in Shutdown Mode
HIGH
1.4
Vcc10
2.5V ≤ Vcc ≤ 5.5V
Power-on-Reset
20
ms
See notes on next page
These are stress ratings only and
functional operation of the device at
these ratings or any other above those
indicated in the operation sections of
the specifications below is not implied.
Exposure to absolute maximum rating
conditions for extended periods of time
may affect reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS


Similar Part No. - SP7618

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7618EB SIPEX-SP7618EB Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7618ER-L/TR SIPEX-SP7618ER-L/TR Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
More results

Similar Description - SP7618

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com