Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC87C5X Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # TSC87C5X
Description  Introduction to TSC87C51/C52 OTP Microcontrollers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C5X Datasheet(HTML) 6 Page - TEMIC Semiconductors

  TSC87C5X Datasheet HTML 1Page - TEMIC Semiconductors TSC87C5X Datasheet HTML 2Page - TEMIC Semiconductors TSC87C5X Datasheet HTML 3Page - TEMIC Semiconductors TSC87C5X Datasheet HTML 4Page - TEMIC Semiconductors TSC87C5X Datasheet HTML 5Page - TEMIC Semiconductors TSC87C5X Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TSC87C51/52
6
MATRA MHS
Rev. A
10 September 1997
Cross Reference List
H ere under is a short version of the Cross Reference list of the main products available.
Uptaded version with more references is available on our web site at
http://www.temic.de/semi
Part–numbers given for Commercial temperature Range (0
_ to 70_ C)
TEMIC
Intel
Philips
Atmel
Siemens
Freq
(MHz)
Package
TSC87C51–12CA
P87C52BH
SC87C51CCN40
AT89C51–12PC
Not available
12
DIP40
87C51
TSC87C51–12CB
S87C52BH
SC87C51CCA44
AT89C51–12JC
Not available
12
PLCC44
87C51
TSC87C51–16CA
P87C52BH–1
SC87C51CGN40
AT89C51–16PC
Not available
16
DIP40
TSC87C51–16CB
S87C52BH–1
SC87C51CGA44
AT89C51–16JC
Not available
16
PLCC44
TSC87C52–12CA
P87C52BH
SC87C52CCN40
AT89C52–12PC
SAB–C501G–1EP
12
DIP40
87C52
TSC87C52–12CB
S87C52BH
SC87C52CCA44
AT89C52–12JC
SAB–C501G–1EN
12
PLCC44
87C52
TSC87C52–16CA
P87C52BH–1
SC87C52CGN40
AT89C52–16PC
Not available
16
DIP40
TSC87C52–16CB
S87C52BH–1
SC87C52CGA44
AT89C52–16JC
Not available
16
PLCC44


Similar Part No. - TSC87C5X

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51-25MG/883 TEMIC-TSC87C51-25MG/883 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51-25MGMQ TEMIC-TSC87C51-25MGMQ Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51-25MI/883 TEMIC-TSC87C51-25MI/883 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
More results

Similar Description - TSC87C5X

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E72 ZILOG-Z86E72 Datasheet
477Kb / 74P
   OTP IR MICROCONTROLLERS
Z86E73 ZILOG-Z86E73 Datasheet
601Kb / 19P
   OTP IR Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R50-1 HOLTEK-HT48R50-1 Datasheet
2Mb / 48P
   8-bit OTP Microcontrollers
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R31-1 HOLTEK-HT48R31-1 Datasheet
2Mb / 46P
   8-bit OTP Microcontrollers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com