Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC87C52 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # TSC87C52
Description  Introduction to TSC87C51/C52 OTP Microcontrollers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  TSC87C52 Datasheet HTML 1Page - TEMIC Semiconductors TSC87C52 Datasheet HTML 2Page - TEMIC Semiconductors TSC87C52 Datasheet HTML 3Page - TEMIC Semiconductors TSC87C52 Datasheet HTML 4Page - TEMIC Semiconductors TSC87C52 Datasheet HTML 5Page - TEMIC Semiconductors TSC87C52 Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSC87C51/52
3
MATRA MHS
Rev. A
10 September 1997
87C51 OTP product features by supplier
Feature
TEMIC
TSC80C51
TEMIC
TSC87C51
INTEL
87C51
Philips
87C51
LG
GMS80C7004
Atmel
AT89C51
Windbond
W87E51
Power off Flag
No
Yes
Yes
No
No
No
No
UART : Automatic
Address Recognition
No
No
Yes
No
No
No
No
UART : Framing er-
ror Detection
No
Yes
Yes
No
No
No
No
Power–Down output
using external inter-
rupt
No
No
Yes
No
No
No
No
ALE disabling
Yes
Yes
Yes
No
No
No
No
ONCE mode
No
Yes
Yes
No
No
Yes
No
EPROM lock bits
NA
Yes2
Yes
Yes
Yes
Yes
Yes
Four levels priority
interrupt
No
No
Yes
No
No
No
No
Full static design
(Frequency down to
0 Mhz)
Yes
Yes
No
No
Yes
Yes
Yes
Supply voltage
5 V
Yes
Yes
Yes
Yes
Yes
Yes
Yes
3 V
Yes
Yes2
No
No
No
Yes
No
Speed
12/16 MHz
Yes
Yes
Yes
Yes
Yes
Yes
Yes
24 MHz
Yes
Yes
Yes
Yes
Yes
Yes
Yes
33 MHz
Yes
Yes
Yes
No
No
No
Yes
40 MHz
Yes
Yes2
No
No
No
No
Yes
Range
0
°C to 70°C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
–40
°C to 85°C
Yes
Yes
Yes3
Yes
Yes
Yes
No
Package
PDIL 40
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PLCC 44
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PQFP 44
Yes
Yes
Yes
No
No
Yes
No
TQFP 44
Yes
Yes
No
No
No
Yes
No
Power consumption
(Max., 5V)
(at 16 MHz)
(at 16 MHz)
(at 16 MHz)
(at 16 MHz)
(at 12 MHz)
(at 12 MHz)
(at 20 MHz)
Active (mA)
25
25
38
32
21
25
50
Idle (mA)
6.5
8.5
9.5
5
18
6.5
7
PD (
µA)
30
50
75
50
50
100
50
1 No clock out generation
2 Under study, no yet available.
3 except 33 Mhz
NA: Not Available


Similar Part No. - TSC87C52

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52-12CAB TEMIC-TSC87C52-12CAB Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52-12CAD TEMIC-TSC87C52-12CAD Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52-12CAR TEMIC-TSC87C52-12CAR Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52-12CBB TEMIC-TSC87C52-12CBB Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results

Similar Description - TSC87C52

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E72 ZILOG-Z86E72 Datasheet
477Kb / 74P
   OTP IR MICROCONTROLLERS
Z86E73 ZILOG-Z86E73 Datasheet
601Kb / 19P
   OTP IR Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R50-1 HOLTEK-HT48R50-1 Datasheet
2Mb / 48P
   8-bit OTP Microcontrollers
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R31-1 HOLTEK-HT48R31-1 Datasheet
2Mb / 46P
   8-bit OTP Microcontrollers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com