Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3875AEHJ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3875AEHJ
Description  2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3875AEHJ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3875AEHJ Datasheet HTML 1Page - Maxim Integrated Products MAX3875AEHJ Datasheet HTML 2Page - Maxim Integrated Products MAX3875AEHJ Datasheet HTML 3Page - Maxim Integrated Products MAX3875AEHJ Datasheet HTML 4Page - Maxim Integrated Products MAX3875AEHJ Datasheet HTML 5Page - Maxim Integrated Products MAX3875AEHJ Datasheet HTML 6Page - Maxim Integrated Products MAX3875AEHJ Datasheet HTML 7Page - Maxim Integrated Products MAX3875AEHJ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2.5Gbps, Low-Power, +3.3V
Clock Recovery and Data Retiming IC
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at +3.3V and TA = +25°C.) (Note 2)
Clock Output Edge Speed
20% to 80%
f
≤ 2MHz
70
ps
Figure 2
1.76
2.75
0.21
0.45
f = 100kHz
f = 10MHz (Note 3)
f = 70kHz
f = 1MHz
CONDITIONS
dB
0.1
JP
Jitter Peaking
ps
110
290
Gbps
2.488
Serial Output Clock Rate
Clock-to-Q Delay
UIP-P
0.026
0.056
UIRMS
0.003
0.006
JGEN
Jitter Generation
MHz
1.1
2.0
JBW
Jitter Transfer Bandwidth
UIP-P
1.91
3.6
Jitter Tolerance
0.41
0.67
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Data Output Edge Speed
20% to 80%
108
ps
Tolerated Consecutive
Identical Digits
2000
bits
100kHz to 2.5GHz
-17
2.5GHz to 4.0GHz
-15
Jitter BW = 12kHz to 20MHz
Note 2: AC characteristics are guaranteed by design and characterization.
Note 3: See Typical Operating Characteristics for worst-case distribution.
Input Return Loss
(SDI±, SLBI±)
dB
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
RECOVERED CLOCK JITTER
10ps/div
PRBS = 215 - 1
RMS
∆ = 1.2ps
0.1
10k
10M
100k
1M
JITTER TOLERANCE
1
10
JITTER FREQUENCY (Hz)
PRBS = 223 - 1
50mVP-P INPUT
BELLCORE
MASK
RECOVERED DATA AND CLOCK
(DIFFERENTIAL OUTPUT)
MAX3875A toc01
100ps/div
CLOCK
DATA
223 - 1 PATTERN
VIN = 20mVP-P
TA = +85
°C


Similar Part No. - MAX3875AEHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3875E/D MAXIM-MAX3875E/D Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3875EHJ MAXIM-MAX3875EHJ Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
More results

Similar Description - MAX3875AEHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3876 MAXIM-MAX3876 Datasheet
744Kb / 12P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00
MAX3873 MAXIM-MAX3873 Datasheet
812Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 2; 5/03
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873A MAXIM-MAX3873A Datasheet
793Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 1; 5/03
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3877 MAXIM-MAX3877 Datasheet
550Kb / 16P
   2.5Gbps, 3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust
19-2062; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com