Electronic Components Datasheet Search |
|
DAC701 Datasheet(PDF) 3 Page - Burr-Brown (TI) |
|
|
DAC701 Datasheet(HTML) 3 Page - Burr-Brown (TI) |
3 / 12 page 3 ® DAC701, 702, 703 The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support devices and/or systems. DAC702/703J DAC701/702/703K DAC701/702/703B, S DAC701/702/703L, C PARAMETER MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX UNITS REFERENCE VOLTAGE Voltage +6.3 +6.0 +6.3 +6.6 +6.24 +6.3 +6.36 TT T V Source Current Available for External Loads +2.5 +1.5 TT T T T mA Temperature Coefficient ±10 T ±25 T ±15 TT ppm/ °C Short Circuit to Common Duration Indefinite TT T POWER SUPPLY REQUIREMENTS Voltage: +VCC 13.5 15 16.5 T TTT TT T T T V –VCC 13.5 15 16.5 T TTT TT T T T V VDD +4.5 +5 +16.5 T TTT TT T T T V Current (No Load): DAC702 (IOUT Models) +VCC +10 +25 TT TT T T mA –VCC –13 –25 TT TT T T mA VDD +4 +8 TT TT T T mA DAC701/703 (VOUT Models) +VCC +16 +30 TT TT T T mA –VCC –18 –30 TT TT T T mA VDD +4 +8 TT TT T T mA Power Dissipation: (VDD = +5.0V)(11) DAC702 365 T 790 T 630 TT mW DAC701/703 530 T 940 T 780 TT mW Power Supply Rejection: +VCC ±0.0015 ±0.006 TT T ±0.003 TT % of FSR/%VCC –VCC ±0.0015 ±0.006 TT T ±0.003 TT % of FSR/%VCC VDD ±0.0001 ±0.001 TT TT T T % of FSR/%VDD TEMPERATURE RANGE Specification: B, C Grades –25 +85 TT °C S Grades –55 +125 °C J, K, L Grades 0 +70 TT 0 +70 °C Storage: Ceramic –60 +150 TT T T °C Plastic, SOIC –60 +100 TT °C T Specification same as model to the left. NOTES: (1) Digital inputs are TTL, LSTTL, 54/74C, 54/74HC, and 54/74HTC compatible over the operating voltage range of VDD = +5V to +15V and over the specified temperature range. The input switching threshold remains at the TTL threshold of 1.4V over the supply range of VDD = +5V to +15V. As logic “0” and logic “1” inputs vary over 0V to +0.8V and +2.4V to +10V respectively, the change in the D/A converter output voltage will not exceed ±0.0015% of FSR for the LH and CH grades, ±0.003% of FSR for the BH grade and ±0.006% of FSR for the KG grade. (2) DAC702 (current-output models) is specified and tested with an external output operational amplifier connected using the internal feedback resistor in all parameters except settling time. (3) FSR means full-scale range and is 20V for the ±10V range (DAC703), 10V for the 0 to +10V range (DAC701). FSR is 2mA for the ±1mA range (DAC702). (4) ±0.0015% of full-scale range is equivalent to 1LSB in 15-bit resolution. ±0.003% of full-scale range is equivalent to 1LSB in 14-bit resolution. ±0.006% of full-scale range is equivalent to 1LSB in 13-bit resolution. (5) Adjustable to zero with external trim potentiometer. Adjusting the gain potentiometer rotates the transfer function around the zero point. (6) Error at input code FFFFH for DAC701, 7FFFH for DAC702 and DAC703. (7) With gain and zero errors adjusted to zero at +25 °C. (8) Maximum represents the 3σ limit. Not 100% tested for this parameter. (9) At the major carry, 7FFF H to 8000H and 8000H to 7FFFH. (10) Tolerance on output impedance and output current is ±30%. (11) Power dissipation is an additional 40mW when V DD is operated at +15V. SPECIFICATIONS (CONT) At +25 °C and rated power supplies, unless otherwise noted. |
Similar Part No. - DAC701 |
|
Similar Description - DAC701 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |