Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8029AS Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RTL8029AS
Description  Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8029AS Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RTL8029AS Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
LS009.0
1997.01.16
RTL8029AS Preliminary
10
5. REGISTER DESCRIPTIONS
The registers in RTL8029AS controller can be roughly divided into two groups by their address and
functions -- one for NE2000, the other for PCI Configuration Space.
5.1. Group 1: NE2000 Registers
This group includes 4 pages of registers which are selected by bit PS0 & PS1 in the CR register.
Each page contains 16 registers. Besides those registers compatible with NE2000, the RTL8029AS
controller defines some registers for software configuration and feature enhancement.
5.1.1. Register Table
No (Hex)
Page0
Page1
Page2
Page3
[R]
[W]
[R/W]
[R]
[R]
[W]
00
CR
CR
CR
CR
CR
CR
01
CLDA0
PSTART
PAR0
PSTART
9346CR
9346CR
02
CLDA1
PSTOP
PAR1
PSTOP
-
-
03
BNRY
BNRY
PAR2
-
CONFIG0
-
04
TSR
TPSR
PAR3
TPSR
-
-
05
NCR
TBCR0
PAR4
-
CONFIG2
CONFIG2
06
FIFO
TBCR1
PAR5
-
CONFIG3
CONFIG3
07
ISR
ISR
CURR
-
-
-
08
CRDA0
RSAR0
MAR0
-
-
-
09
CRDA1
RSAR1
MAR1
-
-
HLTCLK
0A
8029ID0
RBCR0
MAR2
-
-
-
0B
8029ID1
RBCR1
MAR3
-
-
-
0C
RSR
RCR
MAR4
RCR
-
-
0D
CNTR0
TCR
MAR5
TCR
-
-
0E
CNTR1
DCR
MAR6
DCR
8029ASID0
-
0F
CNTR2
IMR
MAR7
IMR
8029ASID1
-
10-17
Remote DMA Port
18-1F
Reset Port
Notes: "-" denotes reserved. Registers with names typed in bold italic format are RTL8029AS
defined registers and are not supported in a standard NE2000 adapter.


Similar Part No. - RTL8029AS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
RTL8029AS PULSE-RTL8029AS Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - RTL8029AS

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8019AS REALTEK-RTL8019AS Datasheet
642Kb / 51P
   Realtek Full-Duplex Ethernet Controller with Plug and Play Function
logo
List of Unclassifed Man...
RTL8019AS ETC1-RTL8019AS Datasheet
981Kb / 50P
   Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
   Non-PCI Single-Chip Full Duplex Ethernet Controller
LAN91C96 SMSC-LAN91C96 Datasheet
775Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96 SMSC-LAN91C96_07 Datasheet
631Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
logo
Realtek Semiconductor C...
H05U09S REALTEK-H05U09S Datasheet
52Kb / 1P
   Realtek GTS PCI Ethernet Card
logo
SMSC Corporation
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com