Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F362SPMT Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F362SPMT
Description  16-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F362SPMT Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F362SPMT Datasheet HTML 1Page - Fujitsu Component Limited. MB90F362SPMT Datasheet HTML 2Page - Fujitsu Component Limited. MB90F362SPMT Datasheet HTML 3Page - Fujitsu Component Limited. MB90F362SPMT Datasheet HTML 4Page - Fujitsu Component Limited. MB90F362SPMT Datasheet HTML 5Page - Fujitsu Component Limited. MB90F362SPMT Datasheet HTML 6Page - Fujitsu Component Limited. MB90F362SPMT Datasheet HTML 7Page - Fujitsu Component Limited. MB90F362SPMT Datasheet HTML 8Page - Fujitsu Component Limited. MB90F362SPMT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
MB90360 Series
5
* : It is setting of Jumper switch (TOOL VCC) when emulator (MB2147-01) is used. Please refer to the Emulator
hardware manual for the details.
Features
MB90367
MB90367T
MB90367S
MB90367TS
MB90V340
A-103
MB90V340
A-104
CPU
F2MC-16LX CPU
System clock
PLL clock multiplier (
× 1, × 2, × 3, × 4, × 6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (4 MHz oscillation clock, PLL
× 6)
Sub-clock pin
(X0A, X1A)
Yes
No
(internal CR oscillation can be used as sub-clock)
Yes
Clock monitor
function
Yes
ROM
MASK ROM, 64 Kbytes
External
RAM capacitance
3 Kbytes
30 Kbytes
CAN
interface
1 channel
3 channels
Low voltage/CPU
operation
detection reset
No
Yes
No
Yes
No
Package
LQFP-48P
PGA-299C
Emulator-specific
power supply *
Yes
Corresponding
EVA product
MB90V340A-104
MB90V340A-103
Features
MB90F367
MB90F367T
MB90F367S
MB90F367TS
CPU
F2MC-16LX CPU
System clock
PLL clock multiplier
(
× 1, × 2, × 3, × 4, × 6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns
(4 MHz oscillation clock, PLL
× 6)
Sub-clock pin
(X0A, X1A)
Yes
No
(internal CR oscillation can be
used as sub-clock)
Clock monitor
function
Yes
ROM
Flash memory, 64 Kbytes
RAM capacitance
3 Kbytes
CAN
interface
1 channel
Low voltage/CPU
operation
detection reset
No
Yes
No
Yes
Package
LQFP-48P
Corresponding
EVA product
MB90V340A-104
MB90V340A-103


Similar Part No. - MB90F362SPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F362E FUJITSU-MB90F362E Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
MB90F362E FUJITSU-MB90F362E Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90F362EPMT FUJITSU-MB90F362EPMT Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
MB90F362EPMT FUJITSU-MB90F362EPMT Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90F362ES FUJITSU-MB90F362ES Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F362SPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com