Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3790UM Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KTC3790UM
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3790UM Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KTC3790UM Datasheet HTML 1Page - KEC(Korea Electronics) KTC3790UM Datasheet HTML 2Page - KEC(Korea Electronics) KTC3790UM Datasheet HTML 3Page - KEC(Korea Electronics) KTC3790UM Datasheet HTML 4Page - KEC(Korea Electronics) KTC3790UM Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2005. 11. 16
4/5
KTC3790U
Revision No : 1
S11e
V
=8V
CE
I =5mA
Ta=25 C
(UNIT :
Ω)
C
j50
-j50
j100
-j100
j150
-j150
-j250
j250
j25
j10
-j25
-j10
0
S12e
V
=8V
CE
V
=8V
CE
V
=8V
CE
I =5mA
Ta=25 C
C
S22e
I =5mA
Ta=25 C
(UNIT :
Ω)
C
S21e
I =5mA
Ta=25 C
C
50
25
10
100
250
f=0.2GHz
90
0
120
-30
150
-60
60
-150
30
-120
180
-90
+
_
90
180
0
0
120
-30
150
-60
60
-150
30
-120
-90
+
_
0.24
0.18
0.12
0.061
j50
-j50
j100
-j100
j150
-j150
-j250
j250
j25
j10
-j25
-j10
0
50
25
10
100
250
f=0.2GHz
f=0.2GHz
15
11
7.3
3.6
0
f=0.2GHz
2GHz
2GHz
2GHz
2GHz


Similar Part No. - KTC3790UM

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3790U KEC-KTC3790U Datasheet
21Kb / 1P
   USM PACKAGE
KTC3790U KEC-KTC3790U_08 Datasheet
21Kb / 1P
   USM PACKAGE
KTC3790U KEC-KTC3790U_15 Datasheet
427Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC3790UM

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com