Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48560A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48560A
Description  30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB48560A Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTB48560A Datasheet HTML 2Page - Texas Instruments PTB48560A Datasheet HTML 3Page - Texas Instruments PTB48560A Datasheet HTML 4Page - Texas Instruments PTB48560A Datasheet HTML 5Page - Texas Instruments PTB48560A Datasheet HTML 6Page - Texas Instruments PTB48560A Datasheet HTML 7Page - Texas Instruments PTB48560A Datasheet HTML 8Page - Texas Instruments PTB48560A Datasheet HTML 9Page - Texas Instruments PTB48560A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
PTB48560C ELECTRICAL CHARACTERISTICS
PTB48560A, PTB48560B
PTB48560C
SLTS236A–MARCH 2005–REVISED OCTOBER 2005
(Unless otherwise stated, TA = 25°C, VI =48V,VO =12V,CO = 100 µF, and IO =IOmax)
PTB48560C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
IO
Output current
Over VI range
IO Bus
0.1 (1)
2.5 (2)
A
VI
Input voltage range
Over IO range
36
48
75
V
Set-point voltage tolerance
±1 (3)
%VO
Temperature variation
-40°C ≤ TA ≤ 85°C
±0.5
%VO
Line regulation
Over VI range
±0.2
±1
%VO
VO
Load regulation
Over IO range
±0.4
±1
%VO
Total output voltage variation
Includes set-point, line, load, –40°C ≤ TA ≤ 85°C
±2
±3 (3)
%VO
Adjust range
Over VI range
9
13.2
V
RSET =9.09kΩ,VO =12 V
88%
η
Efficiency
RSET = open, VO = 9 V
86%
VO Ripple (peak-to-peak)
20-MHz bandwidth
1
%VO
0.1 A/µs load step,
Recovery time
100
µs
Transient Response
50% to 100%
VO over/undershoot
±150
mV
IOmax
Input current
Track connected to -Sense
0.48
mA
Track input (pin 5)
Open-circuit voltage
0
VO Bus
Referenced to -VI
Input high voltage (VIH)
2
Open (4)
V
Output enable inputs (pins 2, 3)
Input low voltage (VIL)-0.2
0.8
Input low current (IIL)
–0.48
mA
Standby input current
Pins 2 and 3 open
8
16
mA
IO Bus
Overcurrent threshold
Shutdown, followed by autorecovery
3.75
A
VI increasing
34
UVLO
Undervoltage lockout
V
VI decreasing
33
ƒS
Switching frequency
Over VI range
400
500
600
kHz
Internal input capacitance
1µF
External output capacitance
Between both outputs and VO COM
100
1,500
µF
Isolation voltage
Input-output
1,500
Vdc
Isolation capacitance
Input-output
2,000
pF
Isolation resistance
Input-output
10
MΩ
Telcordia SR-332 50% stress, TA = 40°C, ground
MTBF
Reliability
3.4
106 Hrs
benign
(1) The converter requires a minimum load current for proper operation. The converter is not damaged when operated under a no-load
condition.
(2) See temperature derating curves for safe operating area (SOA), to determine output current derating at elevated ambient temperatures.
(3) The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1%, with 100 ppm/°C temperature stability.
(4) The PEN and NEN enable inputs each have an internal pullup resistor. If the enable feature is not used, the PEN input (pin 2) should be
left open circuit and the NEN input (pin 3) permanently connected to –VI. A discrete MOSFET or bipolar transistor is recommended for
the enable control. The open-circuit voltage is less than 10 V. See the Application Information for a more detailed description.
6


Similar Part No. - PTB48560A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
More results

Similar Description - PTB48560A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTB78560A TI1-PTB78560A_16 Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com