Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48560B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48560B
Description  30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB48560B Datasheet(HTML) 1 Page - Texas Instruments

  PTB48560B Datasheet HTML 1Page - Texas Instruments PTB48560B Datasheet HTML 2Page - Texas Instruments PTB48560B Datasheet HTML 3Page - Texas Instruments PTB48560B Datasheet HTML 4Page - Texas Instruments PTB48560B Datasheet HTML 5Page - Texas Instruments PTB48560B Datasheet HTML 6Page - Texas Instruments PTB48560B Datasheet HTML 7Page - Texas Instruments PTB48560B Datasheet HTML 8Page - Texas Instruments PTB48560B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
PTB48560A, PTB48560B
PTB48560C
SLTS236A–MARCH 2005–REVISED OCTOBER 2005
30-W, 48-V INPUT DC/DC CONVERTERS
WITH AUTO-TRACK™ SEQUENCING
Intermediate Bus Architectures
Input Voltage: 36 V to 75 V
Telecom, High-End Computing Platforms
30-W Total Output Power
Multi-Rail Power Systems with
Output Voltages: 3.3 V, 5 V, and 12 V
Power-Up Sequencing
Wide-Output Adjust/Trim
Up To 88% Efficiency
Overcurrent Protection
Overtemperature Shutdown
Undervoltage Lockout
Input Overvoltage Protection
Auto-Track™ Power-Up Sequencing
(Includes Sequenced Output with PTB48560B)
Smart-Sense Remote Sensing (PTB48560B)
Dual-Logic Enable Control
Space-Saving 1×2 Footprint
Surface Mount Package
1500-Vdc Isolation
Agency Approvals (Pending):
UL/cUL 60950, EN 60950
The PTB48560x is a series of 30–W rated isolated dc/dc converters, designed to operate from a standard -48–V
telecom central office (CO) supply. Housed in a 1×2 package, each model has a wide-adjust output voltage that
can be set to one of the common intermediate bus voltages of 3.3 V, 5 V, or 12 V.
The PTB48560 series incorporates Auto-Track™, a feature that simplifies the power-up sequencing of multiple
power modules and operates from the same intermediate bus. During a power-up cycle, modules with this
feature have the capability of following a common ramp voltage applied to an input called Track. The PTB48560
series is specifically designed to control the Track voltage of any number of nonisolated downstream modules
powered from its output. This ensures that the outputs of the downstream modules all rise simultaneously during
power up. The PTB48560B (3.3 V) has an additional sequenced output, VO Seq, which also rises with the Track
voltage. This allows the VO Seq output to power up simultaneously with the outputs from other power modules
under the control of Auto-Track.
Whether used to facilitate power-up sequencing, or operated as a stand-alone module, the PTB48560 series
includes many other features expected of high-performance dc/dc converter modules. Precise output voltage
regulation is ensured with a differential remote sense. Operational features include an input undervoltage lockout
(UVLO) and a dual-logic output enable control. Overcurrent and overtemperature protection ensure survival
against load faults.Typical applications include distributed power architectures in both telecom and computing
environments, particularly complex digital systems requiring power sequencing of multiple power supply rails.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Auto-Track is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTB48560B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
More results

Similar Description - PTB48560B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTB78560A TI1-PTB78560A_16 Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com