Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8ETH06FPPBF Datasheet(PDF) 2 Page - International Rectifier

Part # 8ETH06FPPBF
Description  Hyperfast Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETH06FPPBF Datasheet(HTML) 2 Page - International Rectifier

  8ETH06FPPBF Datasheet HTML 1Page - International Rectifier 8ETH06FPPBF Datasheet HTML 2Page - International Rectifier 8ETH06FPPBF Datasheet HTML 3Page - International Rectifier 8ETH06FPPBF Datasheet HTML 4Page - International Rectifier 8ETH06FPPBF Datasheet HTML 5Page - International Rectifier 8ETH06FPPBF Datasheet HTML 6Page - International Rectifier 8ETH06FPPBF Datasheet HTML 7Page - International Rectifier 8ETH06FPPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
8ETH06PbF, 8ETH06FPPbF
Bulletin PD-20884 rev. A 10/06
www.irf.com
VBR, Vr
Breakdown Voltage,
600
-
-
V
IR = 100μA
Blocking Voltage
VF
Forward Voltage
-
2.0
2.4
V
IF = 8A, TJ = 25°C
-
1.3
1.8
V
IF = 8A, TJ = 150°C
IR
Reverse Leakage Current
-
0.3
50
μAVR = VR Rated
-
55
500
μATJ = 150°C, VR = VR Rated
CT
Junction Capacitance
-
17
-
pF
VR = 600V
LS
Series Inductance
-
8.0
-
nH
Measured lead to lead 5mm from package body
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameters
Min Typ Max
Test Conditions
Units
trr
ReverseRecoveryTime
-
18
22
ns
IF = 1A, diF/dt = 100A/μs, VR = 30V
-20
25
IF = 8A, diF/dt = 100A/μs, VR = 30V
-25
-
TJ = 25°C
-40
-
TJ = 125°C
IRRM
Peak Recovery Current
-
2.4
-
A
TJ = 25°C
-
4.8
-
TJ = 125°C
Qrr
ReverseRecoveryCharge
-
25
-
nC
TJ = 25°C
120
-
-
TJ = 125°C
trr
ReverseRecoveryTime
-
33
-
ns
IRRM
Peak Recovery Current
-
12
-
A
T
J = 125°C
Qrr
ReverseRecoveryCharge
-
220
-
nC
Dynamic Recovery Characteristics @ TC = 25°C (unless otherwise specified)
I
F = 8A
diF /dt = 200A/μs
VR = 390V
Parameters
Min Typ Max
Test Conditions
Units
I
F = 8A
diF /dt = 600A/μs
VR = 390V
Parameters
Min
Typ
Max
Units
TJ
Max. Junction Temperature Range
-
-
175
°C
TStg
Max. Storage Temperature Range
- 65
-
175
RthJC
Thermal Resistance, Junction to Case
Per Leg
-
1.4
2
°C/W
(Fullpack) Per Leg
-
3.4
4.3
RthJA
Thermal Resistance, Junction to Ambient
Per Leg
-
-
70
RthCS
Thermal Resistance, Case to Heatsink
-
0.5
-
Weight
-
2.0
-
g
-
0.07
-
(oz)
MountingTorque
6.0
-
12
Kg-cm
5.0
-
10
lbf.in
Thermal - Mechanical Characteristics
Typical Socket Mount
Mounting Surface, Flat, Smooth and Greased


Similar Part No. - 8ETH06FPPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETH06FPPBF VISHAY-8ETH06FPPBF Datasheet
116Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Apr-08
8ETH06FPPBF VISHAY-8ETH06FPPBF Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
More results

Similar Description - 8ETH06FPPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com