Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5539 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5539
Description  Ultrahigh Frequency Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5539 Datasheet(HTML) 3 Page - Analog Devices

  AD5539 Datasheet HTML 1Page - Analog Devices AD5539 Datasheet HTML 2Page - Analog Devices AD5539 Datasheet HTML 3Page - Analog Devices AD5539 Datasheet HTML 4Page - Analog Devices AD5539 Datasheet HTML 5Page - Analog Devices AD5539 Datasheet HTML 6Page - Analog Devices AD5539 Datasheet HTML 7Page - Analog Devices AD5539 Datasheet HTML 8Page - Analog Devices AD5539 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD5539J
AD5539S
Parameter
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT CHARACTERISTICS
Positive Output Swing
RL = 150
3
+2.3
+2.8
+2.3
+2.8
V
RL = 2 k
+2.3
+3.3
+2.5
+3.3
V
TMIN to TMAX with
RL = 2 k
+2.3
+2.3
V
Negative Output Swing
RL = 150 Ω
3
–2.2
–1.7
–2.2
–1.7
V
RL = 2 k
–2.9
–1.7
–2.9
–2.0
V
TMIN to TMAX with
RL = 2 kΩ
–1.5
–1.5
V
POWER SUPPLY (No Load, No Resistor to –VS)
Rated Performance
±8
±8V
Operating Range
4.5
10
4.5
10
V
Quiescent Current
Initial ICC+14
18
14
17
mA
TMIN to TMAX
20
18
mA
Initial ICC–11
15
11
14
mA
TMIN to TMAX
17
15
mA
PSRR
Initial
100
1000
100
1000
µV/V
TMIN to TMAX
2000
2000
µV/V
TEMPERATURE RANGE
Operating,
Rated Performance
Commercial (0
°C to +70°C)
AD5539JN, AD5539JQ
Military (–55
°C to +125°C)
AD5539SQ
PACKAGE OPTIONS
Plastic (N-14)
AD5539JN
Cerdip (Q-14)
AD5539JQ
AD5539SQ, AD5539SQ/883B
J and S Grade Chips Available
NOTES
1Input Offset Voltage specifications are guaranteed after 5 minutes of operation at T
A = +25°C.
2Bias Current specifications are guaranteed maximum at either input after 5 minutes of operation at T
A = +25°C.
3R
X = 470 Ω to –VS.
4Externally compensated.
5Defined as voltage between inputs, such that neither exceeds +2.5 V, –5.0 V from ground.
Specifications subject to change without notice.
Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing
quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
REV. B
–3–
AD5539


Similar Part No. - AD5539

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
More results

Similar Description - AD5539

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
230Kb / 14P
   High frequency operational amplifier
2002 Jan 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com