Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA8274F Datasheet(PDF) 3 Page - Rohm

Part # BA8274F
Description  I2C bus line buffer IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8274F Datasheet(HTML) 3 Page - Rohm

  BA8274F Datasheet HTML 1Page - Rohm BA8274F Datasheet HTML 2Page - Rohm BA8274F Datasheet HTML 3Page - Rohm BA8274F Datasheet HTML 4Page - Rohm BA8274F Datasheet HTML 5Page - Rohm BA8274F Datasheet HTML 6Page - Rohm BA8274F Datasheet HTML 7Page - Rohm BA8274F Datasheet HTML 8Page - Rohm BA8274F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BA8274 / F
Audio ICs
3/8
Electrical characteristics (unless otherwise noted, Ta=25
°C, VCC=5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply current 1
IQ1
16
30
mA
Supply current 2
IQ2
17
30
mA
Supply current 3
IQ3
30
40
mA
ISX, ISY
both buffered outputs sinking 30mA.
ILX, ILY
mA
Drive current 1
ISX, ISY
2.0
2.7
ILX, ILY
mA
Drive current 2
20
27
Input current 1
2.8
3.5
mA
Input current 2
3.0
3.3
mA
Leakage current
ILX, ILY
−−
200
µA
Input/Output impedance
ZIN / ZOUT
810
13
VCC=12V
Both I
2C inputs LOW,
VLX, VLY LOW on buffered bus=0.3V.
VLX, VLY=VCC and VSX, VSY=VCC.
ILX, ILY sink on buffered bus=30mA.
ISX, ISY LOW=0.4V
VSX, VSY LOW on I
2C bus=0.3V.
ISX, ISY sink on I
2C bus=3mA.
ILX, ISY LOW=0.4V
Measurement circuit
87
6
5
12
3
4
VCC
LY
SY
N.C.
N.C.
VCC
C2
SW3
SW4
01
2
3
D2
150
E3
I3
N.C.
LX
SX
GND
I4
V
B2
V
N.C.
0
VCC
F
A
VCC
3
150
1
E4
2
A2
A
A
N.C.
VCC
VCC
C1
SW2
01
2
3
D1
150
E1
I1
V
A
SW1
I2
B1
V
N.C.
Fig.1
0
3
150
1
E2
2
A1
A


Similar Part No. - BA8274F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8270F ROHM-BA8270F Datasheet
97Kb / 6P
   Bus interface for car audio
BA8272AFV ROHM-BA8272AFV Datasheet
116Kb / 8P
   BUS Interface for car audio
BA8272F ROHM-BA8272F Datasheet
108Kb / 6P
   Bus interface for car audio
More results

Similar Description - BA8274F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA76843N SANYO-LA76843N_06 Datasheet
146Kb / 3P
   I2C Bus Control IC
LA76828N SANYO-LA76828N Datasheet
526Kb / 3P
   I2C Bus Control IC
logo
Unisonic Technologies
U74LVC1G126 UTC-U74LVC1G126_15 Datasheet
205Kb / 5P
   BUS BUFFER/LINE DRIVER
logo
Panasonic Semiconductor
AN7397K PANASONIC-AN7397K Datasheet
149Kb / 7P
   Spatializer IC for I2C bus
logo
Sanyo Semicon Device
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76832N SANYO-LA76832N Datasheet
385Kb / 39P
   Monolithic Linear IC I2C Bus Control IC
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com