Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1231 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1231
Description  Power Monitor Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1231 Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS1231 Datasheet HTML 1Page - Dallas Semiconductor DS1231 Datasheet HTML 2Page - Dallas Semiconductor DS1231 Datasheet HTML 3Page - Dallas Semiconductor DS1231 Datasheet HTML 4Page - Dallas Semiconductor DS1231 Datasheet HTML 5Page - Dallas Semiconductor DS1231 Datasheet HTML 6Page - Dallas Semiconductor DS1231 Datasheet HTML 7Page - Dallas Semiconductor DS1231 Datasheet HTML 8Page - Dallas Semiconductor DS1231 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DS1231/S
022698 7/9
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage on I/O Relative to Ground
-0.5V to VCC + 0.5V
Operating Temperature
0
°C to 70°C
Operating Temperature (Industrial Version)
–40
°C to +85°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
1
Input Pin 1
VIN
VCC
V
1
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; VCC = 4.5 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Low Level @ RST
VOL
0.4
V
1
Output Voltage @ –500
µA
VOH
VCC–0.5V
VCC–0.1V
V
1, 6
Input Leakage
IIL
-10
+10
µA
2
Output Current @2.4V
IOH
1.0
2.0
mA
5
Output Current @0.4V
IOL
2.0
3.0
mA
Operating Current
ICC
0.5
2.0
mA
3
Input Pin 1 (Mode=GND)
IC
15
25
50
µA
Input Pin 1 (Mode=VCC)
IC
0.1
µA
IN Trip Piont (Mode=GND)
VTP
See Figure 3
1
IN Trip Point (Mode=VCC)
VTP
1
VCC Trip Point (TOL=GND)
VCCTP
4.50
4.62
4.74
V
1
VCC Trip Point (TOL=VCC)
VCCTP
4.25
4.37
4.49
V
1
CAPACITANCE
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF


Similar Part No. - DS1231

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1231 MAXIM-DS1231 Datasheet
70Kb / 9P
   Power Monitor Chip
022698
DS1231-50 MAXIM-DS1231-50 Datasheet
70Kb / 9P
   Power Monitor Chip
1/9
DS1231/S MAXIM-DS1231/S Datasheet
70Kb / 9P
   Power Monitor Chip
1/9
More results

Similar Description - DS1231

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1231-50 MAXIM-DS1231-50 Datasheet
70Kb / 9P
   Power Monitor Chip
1/9
DS1231 MAXIM-DS1231 Datasheet
70Kb / 9P
   Power Monitor Chip
022698
logo
Pixart Imaging Inc.
PAH8011ET PIXART-PAH8011ET Datasheet
1Mb / 23P
   Low Power Optical Heart Rate Monitor Chip
PAH8011ES PIXART-PAH8011ES Datasheet
1Mb / 25P
   Low Power Heart Rate Monitor Optical Chip
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
   Power Monitor
Rev. 10/17/17
logo
Weidmuller
1423550000 WEIDMULLER-1423550000 Datasheet
5Mb / 94P
   POWER MONITOR
logo
Maxim Integrated Produc...
DS2436 MAXIM-DS2436 Datasheet
478Kb / 29P
   Battery ID/Monitor Chip
071607
logo
Dallas Semiconductor
DS2436 DALLAS-DS2436_07 Datasheet
472Kb / 29P
   Battery ID/Monitor Chip
DS2436 DALLAS-DS2436 Datasheet
505Kb / 29P
   Battery ID/Monitor Chip
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
   Power Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com